Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4011-103E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP4011-103E/MS
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-103E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP4011-103E/MS Datasheet HTML 10Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 11Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 12Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 13Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 14Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 15Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 16Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 17Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
MCP4011/2/3/4
DS21978C-page 14
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-13:
2.1 k
Ω – Low-Voltage
Decrement Wiper Settling Time (VDD = 2.7V).
FIGURE 2-14:
2.1 k
Ω – Low-Voltage
Decrement Wiper Settling Time (VDD = 5.5V).
FIGURE 2-15:
2.1 k
Ω – Power-Up Wiper
Response Time.
FIGURE 2-16:
2.1 k
Ω – Low-Voltage
Increment Wiper Settling Time (VDD = 2.7V).
FIGURE 2-17:
2.1 k
Ω – Low-Voltage
Increment Wiper Settling Time (VDD = 5.5V).
WIPER
U/D
U/D
WIPER
WIPER
VDD
U/D
WIPER
WIPER
U/D
U/D
WIPER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com