Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4011-503E/MS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP4011-503E/MS
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-503E/MS Datasheet(HTML) 4 Page - Microchip Technology

  MCP4011-503E/MS Datasheet HTML 1Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 2Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 3Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 4Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 5Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 6Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 7Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 8Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MCP4011/2/3/4
DS21978C-page 4
© 2006 Microchip Technology Inc.
Potentiometer Integral Non-linearity
INL
-0.5
±0.25
+0.5
LSb
MCP4011/13 only (Note 2)
Potentiometer Differential Non-linearity
DNL
-0.5
±0.25
+0.5
LSb
MCP4011/13 only (Note 2)
Rheostat Integral Non-linearity
MCP4011 (Note 4, Note 9)
MCP4012 and MCP4014 (Note 4)
R-INL
-0.5
±0.25
+0.5
LSb
-202
devices
(2.1 k
Ω)
5.5V
-8.5
+4.5
+8.5
LSb
2.7V (Note 7)
See Section 2.0
LSb
1.8V (Note 7, Note 8)
-0.5
±0.25
+0.5
LSb
-502
devices
(5 k
Ω)
5.5V
-5.5
+2.5
+5.5
LSb
2.7V (Note 7)
See Section 2.0
LSb
1.8V (Note 7, Note 8)
-0.5
±0.25
+0.5
LSb
-103
devices
(10 k
Ω)
5.5V
-3
+1
+3
LSb
2.7V (Note 7)
See Section 2.0
LSb
1.8V (Note 7, Note 8)
-0.5
±0.25
+0.5
LSb
-503
devices
(50 k
Ω)
5.5V
-1
+0.25
+1
LSb
2.7V (Note 7)
See Section 2.0
LSb
1.8V (Note 7, Note 8)
Rheostat Differential Non-linearity
MCP4011 (Note 4, Note 9)
MCP4012 and MCP4014 (Note 4)
R-DNL
-0.5
±0.25
+0.5
LSb
-202
devices
(2.1 k
Ω)
5.5V
-1
+0.5
+2
LSb
2.7V (Note 7)
See Section 2.0
LSb
1.8V (Note 7, Note 8)
-0.5
±0.25
+0.5
LSb
-502
devices
(5 k
Ω)
5.5V
-1
+0.25
+1.25
LSb
2.7V (Note 7)
See Section 2.0
LSb
1.8V (Note 7, Note 8)
-0.5
±0.25
+0.5
LSb
-103
devices
(10 k
Ω)
5.5V
-1
0
+1
LSb
2.7V (Note 7)
See Section 2.0
LSb
1.8V (Note 7, Note 8)
-0.5
±0.25
+0.5
LSb
-503
devices
(50 k
Ω)
5.5V
-0.5
0
+0.5
LSb
2.7V (Note 7)
See Section 2.0
LSb
1.8V (Note 7, Note 8)
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply across the specified operating ranges.
TA = -40°C to +125°C, 2.1 kΩ, 5kΩ, 10 kΩ and 50 kΩ devices. Typical specifications represent values for VDD = 2.7V to 5.5V,
VSS = 0V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS. (-202 devices VA = 4V).
3:
MCP4011/13 only, test conditions are: IW = 1.9 mA, code = 00h.
4: MCP4012/14 only, test conditions are:
5:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6:
This specification by design.
7:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and temperature. See
Section 6.0 “Resistor” for additional information.
8:
For voltages below 2.7V, refer to Section 2.0 “Typical Performance Curves”.
9:
The MCP4011 is externally connected to match the configurations of the MCP4012 and MCP4014 and then tested.
Device
Resistance
Current at Voltage
Comments
5.5V
2.7V
2.1 k
Ω
2.25 mA
1.1 mA
MCP4012 includes VWZSE
MCP4014 includes VWFSE
5k
Ω
1.4 mA
450 µA
10 k
Ω
450 µA
210 µA
50 k
Ω
90 µA
40 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com