Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4011-503E/MS Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP4011-503E/MS
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-503E/MS Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP4011-503E/MS Datasheet HTML 45Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 46Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 47Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 48Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 49Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 50Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 51Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 52Page - Microchip Technology MCP4011-503E/MS Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
© 2006 Microchip Technology Inc.
DS21978C-page 49
MCP4011/2/3/4
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead MSOP (MCP4011)
Example:
XXXXXX
YWWNNN
401122
534256
Example:
8-Lead DFN (2x3) (MCP4011)
XXX
YWW
NNN
ABE
534
256
8-Lead SOIC (150 mil) (MCP4011)
Example:
XXXXXXXX
XXXXYYWW
NNN
401152E
SN^^ 0534
256
3
e
Part Number
Code
MCP4011T-202E/MC
ABE
MCP4011T-502E/MC
ABF
MCP4011T-103E/MC
ABG
MCP4011T-503E/MC
ABH
Note: Applies to 8-Lead DFN
Part Numbers
Code
8L-MSOP
8L-SOIC
MCP4011-202E/MS MCP4011-202E/SN
22
MCP4011-502E/MS MCP4011-502E/SN
52
MCP4011-103E/MS MCP4011-103E/SN
13
MCP4011-503E/MS MCP4011-503E/SN
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com