Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-E/P Datasheet(PDF) 313 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 313 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 309Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 310Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 311Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 312Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 313Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 314Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 315Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 316Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 311
PIC18F45J10 FAMILY
23.4.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 23-4:
EXTERNAL CLOCK TIMING (ALL MODES EXCEPT PLL)
TABLE 23-6:
EXTERNAL CLOCK TIMING REQUIREMENTS
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKI Frequency(1)
DC
40
MHz
EC Oscillator mode
Oscillator Frequency(1)
4
25
MHz
HS Oscillator mode
1TOSC
External CLKI Period(1)
25
—
ns
EC Oscillator mode
Oscillator Period(1)
25
250
ns
HS Oscillator mode
2TCY
Instruction Cycle Time(1)
100
—
ns
TCY = 4/FOSC, Industrial
3TOSL,
TOSH
External Clock in (OSC1)
High or Low Time
10
—
ns
EC Oscillator mode
4TOSR,
TOSF
External Clock in (OSC1)
Rise or Fall Time
—
7.5
ns
EC Oscillator mode
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period for all configurations.
All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption. All devices are tested to
operate at “min.” values with an external clock applied to the OSC1/CLKI pin. When an external clock input
is used, the “max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com