Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-E/P Datasheet(PDF) 314 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 314 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 310Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 311Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 312Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 313Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 314Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 315Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 316Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 317Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 312
Preliminary
© 2007 Microchip Technology Inc.
TABLE 23-7:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 2.5V TO 3.6V)
TABLE 23-8:
AC CHARACTERISTICS: INTERNAL RC ACCURACY
PIC18F24J10/25J10/44J10/45J10 (INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
F10
FOSC
Oscillator Frequency Range
4
—
10
MHz
F11
FSYS
On-Chip VCO System Frequency
20
—
40
MHz
F12
ΤRC
PLL Start-up Time (lock time)
—
—
2 ms
F13
ΔCLK CLKO Stability (Jitter)
-2
—
+2
%
† Data in “Typ” column is at 5V, 25
°C, unless otherwise stated. These parameters are for design guidance
only and are not tested.
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
INTRC Accuracy @ Freq = 31 kHz(1)
21.7
—
40.3
kHz
Note 1:
Change of INTRC frequency as VDD core changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com