Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-E/P Datasheet(PDF) 343 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 343 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 339Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 340Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 341Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 342Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 343Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 344Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 345Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 346Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 347Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 341
PIC18F45J10 FAMILY
APPENDIX A:
REVISION HISTORY
Revision A (March 2005)
Original data sheet for PIC18F45J10 family devices.
Revision C (January 2007)
This revision includes updates to the packaging
diagrams.
APPENDIX B:
MIGRATION
BETWEEN HIGH-END
DEVICE FAMILIES
Devices in the PIC18F45J10 family and PIC18F4520
families are very similar in their functions and feature
sets. However, there are some potentially important
differences
which
should
be
considered
when
migrating an application across device families to
achieve a new design goal. These are summarized in
Table B-1. The areas of difference which could be a
major impact on migration are discussed in greater
detail later in this section.
TABLE B-1:
NOTABLE DIFFERENCES BETWEEN PIC18F4520 AND PIC18FXXXX FAMILIES
Characteristic
PIC18FXXXX Family
PIC18F4520 Family
Operating Frequency
40 MHz @ 2.15V
40 MHz @ 4.2V
Supply Voltage
2.0V-3.6V
2.0V-5.5V
Operating Current
Low
Lower
Program Memory Endurance
1,000 write/erase cycles (typical)
100,000 write/erase cycles (typical)
I/O Sink/Source at 25 mA
PORTB and PORTC only
All ports
Input Voltage Tolerance on I/O pins
5.5V on digital only pins
VDD on all I/O pins
I/O
32
36
Pull-ups
PORTB
PORTB
Oscillator Options
Limited options
(EC, HS, fixed 32 kHz INTRC)
More options (EC, HS, XT, LP, RC,
PLL, flexible INTRC)
Program Memory Retention
10 years (minimum)
40 years (minimum)
Programming Time (Normalized)
156
μs/byte (10 ms/64-byte block)
15.6
μs/byte (1 ms/64-byte block)
Programming Entry
Low Voltage, Key Sequence
VPP and LVP
Code Protection
Single block, all or nothing
Multiple code protection blocks
Configuration Words
Stored in last 4 words of
Program Memory space
Stored in Configuration Space,
starting at 300000h
Start-up Time from Sleep
200
μs (typical)
10
μs (typical)
Power-up Timer
Always on
Configurable
Data EEPROM
Not available
Available
BOR
Simple BOR(1)
Programmable BOR
LVD
Not available
Available
A/D Calibration
Required
Not required
In-Circuit Emulation
Not available
Available
TMR3
Not available
Available
Second MSSP
Available(2)
Not available
Note 1:
BOR is not available on PIC18LFXXJ10 devices.
2:
Available on 40/44-pin devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com