| Electronic Components Datasheet Search |
|
PIC18F44J10-E/P Datasheet(PDF) 347 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-E/P Datasheet(HTML) 347 Page - Microchip Technology |
|
347 / 358 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39682C-page 345 PIC18F45J10 FAMILY Enhanced PWM Mode. See PWM (ECCP Module).......... 133 Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART). See EUSART. Equations A/D Acquisition Time................................................. 214 A/D Minimum Charging Time .................................... 214 Errata .................................................................................... 6 EUSART Asynchronous Mode ................................................. 197 12-Bit Break Transmit and Receive .................. 202 Associated Registers, Receive ......................... 200 Associated Registers, Transmit ........................ 198 Auto-Wake-up on Sync Break .......................... 200 Receiver............................................................ 199 Setting Up 9-Bit Mode with Address Detect...... 199 Transmitter........................................................ 197 Baud Rate Generator Operation in Power-Managed Mode ................. 191 Baud Rate Generator (BRG)..................................... 191 Associated Registers ........................................ 192 Auto-Baud Rate Detect ..................................... 195 Baud Rate Error, Calculating ............................ 192 Baud Rates, Asynchronous Modes .................. 193 High Baud Rate Select (BRGH Bit) .................. 191 Sampling ........................................................... 191 Synchronous Master Mode ....................................... 203 Associated Registers, Receive ......................... 205 Associated Registers, Transmit ........................ 204 Reception.......................................................... 205 Transmission .................................................... 203 Synchronous Slave Mode ......................................... 206 Associated Registers, Receive ......................... 207 Associated Registers, Transmit ........................ 206 Reception.......................................................... 207 Transmission .................................................... 206 Extended Instruction Set ADDFSR ................................................................... 284 ADDULNK................................................................. 284 and Using MPLAB Tools........................................... 290 CALLW...................................................................... 285 Considerations for Use ............................................. 288 MOVSF ..................................................................... 285 MOVSS ..................................................................... 286 PUSHL ...................................................................... 286 SUBFSR ................................................................... 287 SUBULNK ................................................................. 287 Syntax ....................................................................... 283 External Clock Input (EC Modes)........................................ 24 F Fail-Safe Clock Monitor............................................. 229, 238 Interrupts in Power-Managed Modes........................ 239 POR or Wake-up from Sleep .................................... 239 WDT During Oscillator Failure .................................. 238 Fast Register Stack............................................................. 50 Firmware Instructions........................................................ 241 Flash Configuration Words ............................................... 229 Flash Program Memory ...................................................... 67 Associated Registers .................................................. 75 Control Registers ........................................................ 68 EECON1 and EECON2 ...................................... 68 TABLAT (Table Latch) ........................................ 70 TBLPTR (Table Pointer) ..................................... 70 Erase Sequence ......................................................... 72 Erasing........................................................................ 72 Operation During Code-Protect .................................. 75 Reading ...................................................................... 71 Table Pointer Boundaries Based on Operation ........................ 70 Table Pointer Boundaries ........................................... 70 Table Reads and Table Writes ................................... 67 Write Sequence .......................................................... 73 Writing To ................................................................... 73 Protection Against Spurious Writes .................... 75 Unexpected Termination .................................... 75 Write Verify ......................................................... 75 FSCM. See Fail-Safe Clock Monitor. G GOTO ............................................................................... 262 H Hardware Multiplier............................................................. 77 Introduction ................................................................. 77 Operation .................................................................... 77 Performance Comparison........................................... 77 I I/O Ports ............................................................................. 93 I2C Mode (MSSP) Acknowledge Sequence Timing ............................... 179 Associated Registers................................................ 185 Baud Rate Generator ............................................... 172 Bus Collision During a Repeated Start Condition................... 183 During a Stop Condition ................................... 184 Clock Arbitration ....................................................... 173 Clock Stretching ....................................................... 165 10-Bit Slave Receive Mode (SEN = 1) ............. 165 10-Bit Slave Transmit Mode ............................. 165 7-Bit Slave Receive Mode (SEN = 1) ............... 165 7-Bit Slave Transmit Mode ............................... 165 Clock Synchronization and the CKP Bit ................... 166 Effects of a Reset ..................................................... 180 General Call Address Support .................................. 169 I2C Clock Rate w/BRG ............................................. 172 Master Mode............................................................. 170 Baud Rate Generator ....................................... 172 Operation.......................................................... 171 Reception ......................................................... 176 Repeated Start Condition Timing ..................... 175 Start Condition Timing ...................................... 174 Transmission .................................................... 176 Multi-Master Communication, Bus Collision and Arbitration ......................................................... 180 Multi-Master Mode .................................................... 180 Operation .................................................................. 159 Read/Write Bit Information (R/W Bit)................ 159, 160 Registers .................................................................. 155 Serial Clock (SCKx/SCLx) ........................................ 160 Slave Mode............................................................... 159 Addressing ....................................................... 159 Reception ......................................................... 160 Transmission .................................................... 160 Sleep Operation........................................................ 180 Stop Condition Timing .............................................. 179 INCF ................................................................................. 262 INCFSZ............................................................................. 263 In-Circuit Debugger........................................................... 240 In-Circuit Serial Programming (ICSP)....................... 229, 240 Indexed Literal Offset Addressing and Standard PIC18 Instructions.............................. 288 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |