Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8541JS/N3.512 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDF8541JS/N3.512
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N3.512 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDF8541JS/N3.512 Datasheet HTML 29Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 30Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 31Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 32Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 33Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 34Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 35Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 36Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
33 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
Ioff
off-state current
VSTB = 0.4 V
-
4
10
A
VO
output voltage
DC; amplifier on; high gain/low
gain mode
6.6
7.1
7.6
V
DC; line driver mode; IB4[D2] = 0;
IB3[D5] = [D6] = 1
3.0
3.4
3.8
V
VP(low)(mute)
low supply voltage mute
rising supply voltage
IB4[D0] = 1
7.0
7.7
8.1
V
IB4[D0] = 0
5.4
5.7
6.2
V
falling supply voltage
IB4[D0] = 1
6.5
7.2
7.7
V
IB4[D0] = 0
5.2
5.5
5.9
V
V
P(low)(mute)
low supply voltage mute
hysteresis
IB4[D0] = 1
0.1
0.5
0.8
V
IB4[D0] = 0
0.1
0.3
0.7
V
VP(ovp)pwarn
pre-warning overvoltage
protection supply voltage
rising supply voltage
15.2
16
16.9
V
falling supply voltage
14.4
15.2
16.2
V
hysteresis
-
0.8
-
V
Vth(ovp)
overvoltage protection
threshold voltage
rising supply voltage
18
20
22
V
VPOR
power-on reset voltage
falling supply voltage
-
3.1
4.5
V
VO(offset)
output offset voltage
amplifier on
75
0
+75
mV
amplifier mute
25
0
+25
mV
line driver mode
45
0
+45
mV
Mode select and second clip detection: pin STB
VSTB
voltage on pin STB
off mode selected
I2C-bus mode
-
-
0.8
V
legacy mode (I2C-bus mode
off)
--
0.8
V
mute selected
legacy mode (I2C-bus mode
off)
2.5
-
4.5
V
operating mode selected
I2C-bus mode
2.5
-
VP
V
legacy mode (I2C-bus mode
off)
5.9
-
VP
V
low voltage on pin STB when
pulled LOW during clipping
[1]
ISTB = 150 A5.6
5.9
6.5
V
ISTB = 500 A6.1
-
7.4
V
ISTB
current on pin STB
0 V < VSTB < 8.5 V; clip detection
not active
[1] -5
30
A
Table 20.
Characteristics …continued
Refer to test circuit (see Figure 29) at Tamb =25 C; VP = 14.4 V; unless otherwise specified. Tested at Tamb =25 C;
guaranteed for Tj = 40 C to +150 C; functionality is guaranteed for VP < 10 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com