Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8541JS/N3.512 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # TDF8541JS/N3.512
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541JS/N3.512 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button TDF8541JS/N3.512 Datasheet HTML 34Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 35Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 36Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 37Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 38Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 39Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 40Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 41Page - NXP Semiconductors TDF8541JS/N3.512 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
38 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
[1]
VSTB depends on the current into pin STB: minimum = (1429   ISTB) + 5.4 V, maximum = (3143  ISTB)+5.6V.
[2]
The times are specified without leakage current. For a leakage current of 5
A on pin SVR, the delta time is specified. If the capacitor
value on pin SVR changes
 30 %, the specified time will also change  30 %. The specified times include an ESR of 15  for the
capacitor on pin SVR.
[3]
Standard I2C-bus specification: maximum LOW-level = 0.3VDD, minimum HIGH-level = 0.7VDD. To comply with 5 V and 3.3 V logic the
maximum LOW-level is defined by VDD = 5 V and the minimum HIGH-level by VDD =3.3 V.
[4]
For optimum channel separation (
cs), supply voltage ripple rejection (SVRR) and common mode rejection ratio (CMRR), a resistor
 must be in series with the ACGND capacitor.
[5]
The plop-noise during amplifier switch-on and switch-off is measured using an ITU-R 2 k filter; see Figure 20.
Vo(mute)(RMS)
RMS mute output voltage
Vi = 1 V RMS;
filter 20 Hz to 22 kHz
-16
29
V
Bp
power bandwidth
1 dB
-
20 to
20000
-Hz
CL(crit)
critical load capacitance
no oscillation; open load and 2
load; all outputs to GND or across
the load
33
--nF
Table 20.
Characteristics …continued
Refer to test circuit (see Figure 29) at Tamb =25 C; VP = 14.4 V; unless otherwise specified. Tested at Tamb =25 C;
guaranteed for Tj = 40 C to +150 C; functionality is guaranteed for VP < 10 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R
ACGND
R
S
4
------
=
Fig 19. Location of ITU-R 2K filter
DIFFERENTIAL
TO
SINGLE
−
ENDED
5th ORDER
20 kHz
BUTTERWORTH
LOW-PASS
FILTER
ITU-R 2K
FILTER
RECTIFIER
PEAK
DETECTOR
OUTPUT
BUFFER
+ 40 dB GAIN
output
input
001aam706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com