Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F16-E/PQTP Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16F16-E/PQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/PQTP Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16F16-E/PQTP Datasheet HTML 55Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 56Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 57Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 58Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 59Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 60Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 61Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 62Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 57
PIC16F716
REGISTER 8-2:
ECCPAS: ENHANCED CAPTURE/COMPARE/PWM AUTO-SHUTDOWN
CONTROL REGISTER
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ECCPASE
ECCPAS2
—
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ECCPASE: ECCP Auto-Shutdown Event Status bit
1
= A shutdown event has occurred; ECCP outputs are in shutdown state
0
= ECCP outputs are operating
bit 6
ECCPAS2: ECCP Auto-Shutdown bit 2
1
= RB0 (INT) pin low level (‘0’) causes shutdown
0
=
RB0 (INT) pin has no effect on ECCP
bit 5
Unimplemented: Read as ‘0’
bit 4
ECCPAS0: ECCP Auto-Shutdown bit ‘0’
1
= RB4 pin low level (‘0’) causes shutdown
0
= RB4 pin has no effect on ECCP
bit 3-2
PSSACn: Pins P1A and P1C Shutdown State Control bits
00
= Drive pins P1A and P1C to ‘0’
01
= Drive pins P1A and P1C to ‘1’
1x
= Pins P1A and P1C tri-state
bit 1-0
PSSBDn: Pins P1B and P1D Shutdown State Control bits
00
= Drive pins P1B and P1D to ‘0’
01
= Drive pins P1B and P1D to ‘1’
1x
= Pins P1B and P1D tri-state
Note 1: The auto-shutdown condition is a level-
based signal, not an edge-based signal.
As long as the level is present, the auto-
shutdown will persist.
2: Writing to the ECCPASE bit is disabled
while
an
auto-shutdown
condition
persists.
3: Once the auto-shutdown condition has
been removed and the PWM restarted
(either through firmware or auto-restart),
the PWM signal will always restart at the
beginning of the next PWM period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com