Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F16-E/PQTP Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC16F16-E/PQTP
Description  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/PQTP Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC16F16-E/PQTP Datasheet HTML 62Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 63Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 64Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 65Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 66Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 67Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 68Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 69Page - Microchip Technology PIC16F16-E/PQTP Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 136 page
background image
PIC16F716
DS41206B-page 64
© 2007 Microchip Technology Inc.
9.2.3
RC OSCILLATOR
For timing insensitive applications, the “RC” device
option offers additional cost savings. The RC oscillator
frequency is a function of the supply voltage, the
resistor (REXT) and capacitor (CEXT) values and the
operating temperature. In addition to this, the oscillator
frequency will vary from unit-to-unit due to normal
process
parameter
variation.
Furthermore,
the
difference in lead frame capacitance between package
types will also affect the oscillation frequency,
especially for low CEXT values. The user also needs to
take into account variation due to tolerance of external
R and C components used. Figure 9-3 shows how the
R/C combination is connected to the PIC16F716.
FIGURE 9-3:
RC OSCILLATOR MODE
9.3
Reset
The PIC16F716 differentiates between various kinds of
Reset:
• Power-on Reset (POR)
•MCLR Reset during normal operation
•MCLR Reset during Sleep
• WDT Reset (during normal operation)
• WDT Wake-up (during Sleep)
• Brown-out Reset (BOR)
Some registers are not affected in any Reset condition;
their status is unknown on POR and unchanged in any
other Reset. Most other registers are reset to a “Reset
state” on Power-on Reset (POR), on the MCLR and
WDT Reset, on MCLR Reset during Sleep and
Brown-out Reset (BOR). They are not affected by a
WDT Wake-up, which is viewed as the resumption of
normal operation. The TO and PD bits are set or
cleared differently in different Reset situations as indi-
cated in Table 9-4. These bits are used in software to
determine the nature of the Reset. See Table 9-6 for a
full description of Reset states of all registers.
A simplified block diagram of the On-chip Reset circuit
is shown in Figure 9-5.
The PIC® microcontrollers have an MCLR noise filter in
the MCLR Reset path. The filter will detect and ignore
small pulses.
It should be noted that a WDT Reset does not drive the
MCLR pin low.
9.4
Power-On Reset (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected. To take advantage of the POR,
just tie the MCLR pin directly (or through a resistor) to
VDD. This will eliminate external RC components
usually needed to create a Power-on Reset. A
maximum rise time for VDD is specified (parameter
D004). For a slow rise time, see Figure 9-4.
When the device starts normal operation (exits the
Reset
condition),
device
operating
parameters
(voltage, frequency, temperature,...) must be met to
ensure operation. If these conditions are not met, the
device must be held in Reset until the operating
conditions are met. Brown-out Reset may be used to
meet the start-up conditions.
FIGURE 9-4:
EXTERNAL POWER-ON
RESET CIRCUIT (FOR
SLOW VDD POWER-UP)
OSC2/CLKOUT
CEXT
REXT
PIC16F716
OSC1
FOSC/4
Internal
clock
VDD
VSS
Recommended values:
3k
Ω ≤ REXT ≤ 100 kΩ (VDD ≥ 3.0V)
10 k
Ω ≤ REXT ≤ 100 kΩ (VDD ≥ 3.0V)
CEXT
> 20 pF
Note 1:
External Power-on Reset circuit is required
only if VDD power-up slope is too slow. The
diode D helps discharge the capacitor quickly
when VDD powers down.
2:
R < 40 k
Ω is recommended to make sure that
voltage drop across R does not violate the
device’s electrical specification.
3:
R1 = 100
Ω to 1 kΩ will limit any current
flowing into MCLR from external capacitor C
in the event of MCLR/VPP pin breakdown due
to Electrostatic Discharge (ESD) or Electrical
Overstress
(EOS).
C
R1
R
VDD
MCLR
PIC16F716
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com