Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-E/MLQTP Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC12F635-E/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/MLQTP Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC12F635-E/MLQTP Datasheet HTML 161Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 162Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 163Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 164Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 165Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 166Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 167Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 168Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 163
PIC12F635/PIC16F636/639
15.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings(†)
Ambient temperature under bias....................................................................................................... -40°C to +125°C
Storage temperature ........................................................................................................................ -65°C to +150°C
Voltage on VDD with respect to VSS ................................................................................................... -0.3V to +6.5V
Voltage on MCLR with respect to Vss ............................................................................................... -0.3V to +13.5V
Voltage on all other pins with respect to VSS ........................................................................... -0.3V to (VDD + 0.3V)
Total power dissipation(1) ............................................................................................................................... 800 mW
Maximum current out of VSS/VSST pin .............................................................................................................. 95 mA
Maximum current into VDD/VDDT pin ................................................................................................................. 95 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
...............................................................................................................± 20 mA
Output clamp current, IOK (VO < 0 or VO >VDD)
.......................................................................................................± 20 mA
Maximum output current sunk by any I/O pin.................................................................................................... 25 mA
Maximum output current sourced by any I/O pin .............................................................................................. 25 mA
Maximum current sunk by PORTA and PORTC (combined) ............................................................................ 95 mA
Maximum current sourced PORTA and PORTC (combined) ............................................................................ 95 mA
Maximum LC Input Voltage (LCX, LCY, LCZ)(2) loaded, with device ............................................................ 10.0 VPP
Maximum LC Input Voltage (LCX, LCY, LCZ)(2) unloaded, without device ................................................. 700.0 VPP
Maximum Input Current (rms) into device per LC Channel(2) ........................................................................... 10 mA
Human Body ESD rating ........................................................................................................................ 4000 (min.) V
Machine Model ESD rating ...................................................................................................................... 400 (min.) V
Note 1:
Power dissipation for PIC12F635/PIC16F636/639 (AFE section not included) is calculated as follows:
PDIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL).
Power dissipation for AFE section is calculated as follows:
PDIS = VDD x IACT = 3.6V x 16
μA = 57.6 μW
2:
Specification applies to the PIC16F639 only.
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Note:
Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50-100
Ω should be used when applying a ‘low’ level to the MCLR pin, rather than
pulling this pin directly to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com