Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-E/MLQTP Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC12F635-E/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/MLQTP Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC12F635-E/MLQTP Datasheet HTML 162Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 163Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 164Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 165Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 166Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 167Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 168Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 169Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 164
© 2007 Microchip Technology Inc.
FIGURE 15-1:
PIC12F635/16F636 VOLTAGE-FREQUENCY GRAPH, -40°C
≤ TA ≤ +125°C
FIGURE 15-2:
PIC16F639 VOLTAGE-FREQUENCY GRAPH, -40°C
≤ TA ≤ +85°C
5.5
2.0
3.5
2.5
0
3.0
4.0
4.5
5.0
Frequency (MHz)
Note 1:
The shaded region indicates the permissible combinations of voltage and frequency.
2:
Cross-hatched area is for HFINTOSC and EC modes only.
820
10
4
5.5
2.0
3.6
2.5
0
3.0
4.0
4.5
5.0
Frequency (MHz)
Note 1:
The shaded region indicates the permissible combinations of voltage and frequency.
2:
Cross-hatched area is for HFINTOSC and EC modes only.
820
10
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com