Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-E/PQTP Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC12F635-E/PQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/PQTP Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC12F635-E/PQTP Datasheet HTML 28Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 29Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 30Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 31Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 32Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 33Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 34Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 35Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 30
© 2007 Microchip Technology Inc.
2.2.2.5
PIR1 Register
The PIR1 register contains the interrupt flag bits, as
shown in Register 2-5.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Interrupt Enable bit, GIE of the INTCON
register. User software should ensure the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.
REGISTER 2-5:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
EEIF
LVDIF
CRIF
C2IF(1)
C1IF
OSFIF
—TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EEIF: EE Write Complete Interrupt Flag bit
1
= The write operation completed (must be cleared in software)
0
= The write operation has not completed or has not been started
bit 6
LVDIF: Low-Voltage Detect Interrupt Flag bit
1
= The supply voltage has crossed selected LVD voltage (must be cleared in software)
0
= The supply voltage has not crossed selected LVD voltage
bit 5
CRIF: Cryptographic Interrupt Flag bit
1
= The Cryptographic module has completed an operation (must be cleared in software)
0
= The Cryptographic module has not completed an operation or is Idle
bit 4
C2IF: Comparator 2 Interrupt Flag bit(1)
1
= Comparator output (C2OUT bit) has changed (must be cleared in software)
0
= Comparator output (C2OUT bit) has not changed
bit 3
C1IF: Comparator 1 Interrupt Flag bit
1
= Comparator output (C1OUT bit) has changed (must be cleared in software)
0
= Comparator output (C1OUT bit) has not changed
bit 2
OSFIF: Oscillator Fail Interrupt Flag bit
1
= System oscillator failed, clock input has changed INTOSC (must be cleared in software)
0
= System clock operating
bit 1
Unimplemented: Read as ‘0’
bit 0
TMR1IF: Timer1 Overflow Interrupt Flag bit
1
= Timer1 rolled over (must be cleared in software)
0
= Timer1 has not rolled over
Note 1:
PIC16F636/639 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com