Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F635-E/PQTP Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC12F635-E/PQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/PQTP Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC12F635-E/PQTP Datasheet HTML 74Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 75Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 76Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 77Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 78Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 79Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 80Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 81Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 76
© 2007 Microchip Technology Inc.
7.4
Comparator Control
The CMCON0 register (Register 7-1) provides access
to the following comparator features:
• Mode selection
• Output state
• Output polarity
• Input switch
7.4.1
COMPARATOR OUTPUT STATE
Each comparator state can always be read internally
via the CxOUT bit of the CMCON0 register. The com-
parator state may also be directed to the CxOUT pin in
the following modes:
PIC12F635
• CM<2:0> = 001
• CM<2:0> = 011
• CM<2:0> = 101
PIC16F636/639
• CM<2:0> = 110
When one of the above modes is selected, the
associated TRIS bit of the CxOUT pin must be cleared.
7.4.2
COMPARATOR OUTPUT POLARITY
Inverting the output of a comparator is functionally
equivalent to swapping the comparator inputs. The
polarity of a comparator output can be inverted by set-
ting the CXINV bit of the CMCON0 register. Clearing
CXINV results in a non-inverted output. A complete
table showing the output state versus input conditions
and the polarity bit is shown in Table 7-1.
TABLE 7-1:
OUTPUT STATE VS. INPUT
CONDITIONS
7.4.3
COMPARATOR INPUT SWITCH
The inverting input of the comparators may be switched
between two analog pins in the following modes:
PIC12F635
•CM<2:0> = 101
•CM<2:0> = 110
PIC16F636/639
•CM<2:0> = 001 (Comparator C1 only)
•CM<2:0> = 010 (Comparators C1 and C2)
In the above modes, both pins remain in Analog mode
regardless of which pin is selected as the input. The
CIS bit of the CMCON0 register controls the comparator
input switch.
Input Conditions
CxINV
CxOUT
VIN- > VIN+
00
VIN- < VIN+
01
VIN- > VIN+
11
VIN- < VIN+
10
Note:
CxOUT refers to both the register bit and
output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com