Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F505-E/P Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F505-E/P
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/P Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F505-E/P Datasheet HTML 37Page - Microchip Technology PIC16F505-E/P Datasheet HTML 38Page - Microchip Technology PIC16F505-E/P Datasheet HTML 39Page - Microchip Technology PIC16F505-E/P Datasheet HTML 40Page - Microchip Technology PIC16F505-E/P Datasheet HTML 41Page - Microchip Technology PIC16F505-E/P Datasheet HTML 42Page - Microchip Technology PIC16F505-E/P Datasheet HTML 43Page - Microchip Technology PIC16F505-E/P Datasheet HTML 44Page - Microchip Technology PIC16F505-E/P Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41236C-page 39
PIC12F508/509/16F505
7.0
SPECIAL FEATURES OF THE
CPU
What sets a microcontroller apart from other proces-
sors are special circuits that deal with the needs of real-
time
applications.
The
PIC12F508/509/16F505
microcontrollers have a host of such features intended
to maximize system reliability, minimize cost through
elimination of external components, provide power-
saving operating modes and offer code protection.
These features are:
• Oscillator Selection
• Reset:
- Power-on Reset (POR)
- Device Reset Timer (DRT)
- Wake-up from Sleep on Pin Change
• Watchdog Timer (WDT)
• Sleep
• Code Protection
• ID Locations
• In-Circuit Serial Programming™
•Clock Out
The PIC12F508/509/16F505 devices have a Watchdog
Timer, which can be shut off only through configuration
bit WDTE. It runs off of its own RC oscillator for added
reliability. If using HS (PIC16F505), XT or LP selectable
oscillator options, there is always an 18 ms (nominal)
delay provided by the Device Reset Timer (DRT),
intended to keep the chip in Reset until the crystal
oscillator is stable. If using INTRC or EXTRC, there is
an 18 ms delay only on VDD power-up. With this timer
on-chip, most applications need no external Reset
circuitry.
The Sleep mode is designed to offer a very low current
Power-down mode. The user can wake-up from Sleep
through a change on input pins or through a Watchdog
Timer time-out. Several oscillator options are also
made available to allow the part to fit the application,
including an internal 4 MHz oscillator. The EXTRC
oscillator option saves system cost while the LP crystal
option saves power. A set of configuration bits are used
to select various options.
7.1
Configuration Bits
The
PIC12F508/509/16F505
Configuration
Words
consist
of
12
bits.
Configuration
bits
can
be
programmed to select various device configurations.
Three bits are for the selection of the oscillator type;
(two bits on the PIC12F508/509), one bit is the
Watchdog Timer enable bit, one bit is the MCLR enable
bit and one bit is for code protection (Register 7-1,
Register 7-2).
REGISTER 7-1:
CONFIGURATION WORD FOR PIC12F508/509(1)
—
—
—
—
—
—
—
MCLRE
CP
WDTE
FOSC1
FOSC0
bit 11
bit 0
bit 11-5
Unimplemented: Read as ‘0’
bit 4
MCLRE: GP3/MCLR Pin Function Select bit
1
= GP3/MCLR pin function is MCLR
0
= GP3/MCLR pin function is digital I/O, MCLR internally tied to VDD
bit 3
CP: Code Protection bit
1
= Code protection off
0
= Code protection on
bit 2
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0
FOSC<1:0>: Oscillator Selection bits
11
= EXTRC = external selection bits
10
= INTRC = internal RC oscillator
01
= XT oscillator
00
= LP oscillator
Note 1:
Refer to the “PIC12F508/509 Memory Programming Specifications” (DS41227) to determine how to access
the Configuration Word. The Configuration Word is not user addressable during device operation.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com