Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F505-E/P Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F505-E/P
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/P Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F505-E/P Datasheet HTML 42Page - Microchip Technology PIC16F505-E/P Datasheet HTML 43Page - Microchip Technology PIC16F505-E/P Datasheet HTML 44Page - Microchip Technology PIC16F505-E/P Datasheet HTML 45Page - Microchip Technology PIC16F505-E/P Datasheet HTML 46Page - Microchip Technology PIC16F505-E/P Datasheet HTML 47Page - Microchip Technology PIC16F505-E/P Datasheet HTML 48Page - Microchip Technology PIC16F505-E/P Datasheet HTML 49Page - Microchip Technology PIC16F505-E/P Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
PIC12F508/509/16F505
DS41236C-page 44
Preliminary
© 2007 Microchip Technology Inc.
7.3
Reset
The device differentiates between various kinds of
Reset:
• Power-on Reset (POR)
•MCLR Reset during normal operation
•MCLR Reset during Sleep
• WDT time-out Reset during normal operation
• WDT time-out Reset during Sleep
• Wake-up from Sleep on pin change
Some registers are not reset in any way, they are
unknown on POR and unchanged in any other Reset.
Most other registers are reset to “Reset state” on
Power-on Reset (POR), MCLR, WDT or Wake-up on
pin change Reset during normal operation. They are
not affected by a WDT Reset during Sleep or MCLR
Reset during Sleep, since these Resets are viewed as
resumption of normal operation. The exceptions to this
are TO, PD and RBWUF/GPWUF bits. They are set or
cleared differently in different Reset situations. These
bits are used in software to determine the nature of
Reset. See Table 7-4 for a full description of Reset
states of all registers.
7.3.1
EXTERNAL CLOCK IN
For applications where a clock is already available
elsewhere, users may directly drive the PIC12F508/
509/16F505 devices provided that this external clock
source meets the AC/DC timing requirements listed in
Section 7.6 “Watchdog Timer (WDT)”. Figure 7-6
below shows how an external clock circuit should be
configured.
FIGURE 7-6:
EXTERNAL CLOCK INPUT
OPERATION
TABLE 7-3:
RESET CONDITIONS FOR REGISTERS – PIC12F508/509
Clock From
ext. system
PIC16F505
OSC2/CLKOUT/RB4
RB5/OSC1/CLKIN
OSC2/CLKOUT/RB4(1)
Clock From
ext. system
OSC2
GP5/OSC1/CLKIN
GP4/OSC2
PIC12F508
PIC12F509
PIC16F505: EC, HS, XT, LP
PIC12F508/509: XT, LP
Note 1:
RB4 is available in EC mode only.
Register
Address
Power-on Reset
MCLR Reset, WDT Time-out,
Wake-up On Pin Change
W—
qqqq qqqu(1)
qqqq qqqu(1)
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PC
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
q00q quuu(2), (3)
FSR(4)
04h
110x xxxx
11uu uuuu
FSR(5)
04h
111x xxxx
111u uuuu
OSCCAL
05h
1111 111-
uuuu uuu-
GPIO
06h
--xx xxxx
--uu uuuu
OPTION
—
1111 1111
1111 1111
TRIS
—
--11 1111
--11 1111
Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1:
Bits <7:2> of W register contain oscillator calibration values due to MOVLW XX instruction at top of mem-
ory.
2:
See Table 7-8 for Reset value for specific conditions.
3:
If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0.
4:
PIC12F509 only.
5:
PIC12F508 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com