Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/PQTP Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC12F609-E/PQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/PQTP Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC12F609-E/PQTP Datasheet HTML 33Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 34Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 35Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 36Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 37Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 38Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 39Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 40Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 35
PIC12F609/615/12HV609/615
4.2.4
PIN DESCRIPTIONS AND
DIAGRAMS
Each GPIO pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the Comparator or the ADC, refer to the
appropriate section in this data sheet.
4.2.4.1
GP0/AN0(1)/CIN+/P1B(1)/ICSPDAT
Figure 4-1 shows the diagram for this pin. The GP0 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
(1)
• an analog non-inverting input to the comparator
• a PWM output
(1)
• In-Circuit Serial Programming data
4.2.4.2
GP1/AN1(1)/CIN0-/VREF(1)/ICSPCLK
Figure 4-1 shows the diagram for this pin. The GP1 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
(1)
• an analog inverting input to the comparator
• a voltage reference input for the ADC
(1)
• In-Circuit Serial Programming clock
FIGURE 4-1:
BLOCK DIAGRAM OF GP<1:0>
Note 1:
PIC12F615/HV615 only.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
RD GPIO
RD
WR
WR
RD
WR
IOC
RD
IOC
Interrupt-on-
To Comparator
Analog(1)
Input Mode
GPPU
Analog(1)
Input Mode
Change
Q1
WR
RD
WPU
Data Bus
WPU
GPIO
TRISIO
TRISIO
GPIO
Note
1:
Comparator mode and ANSEL determines Analog Input mode.
2:
Set has priority over Reset.
3:
PIC12F615/HV615 only.
To A/D Converter(3)
I/O Pin
S(2)
R
Q
From other
GP<5:0> pins (GP0)
Write ‘0’ to GBIF
GP<5:2, 0> pins (GP1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com