Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/PQTP Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC12F609-E/PQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/PQTP Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC12F609-E/PQTP Datasheet HTML 10Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 11Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 12Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 13Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 14Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 15Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 16Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 17Page - Microchip Technology PIC12F609-E/PQTP Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 12
Preliminary
© 2006 Microchip Technology Inc.
TABLE 2-2:
PIC12F615/HV615 SPECIAL FUNCTION REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
22, 101
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
41, 101
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
22, 101
03h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
ZDC
C
0001 1xxx
15, 101
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
22, 101
05h
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--x0 x000
31, 101
06h
—
Unimplemented
—
—
07h
—
Unimplemented
—
—
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
22, 101
0Bh
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000
17, 101
0Ch
PIR1
—
ADIF
CCP1IF
—CMIF
—
TMR2IF
TMR1IF
-00- 0-00
19, 101
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
45, 101
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
45, 101
10h
T1CON
T1GINV
TMR1GE
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
49, 101
11h
TMR2
Timer2 Module Register
0000 0000
51, 101
12h
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
52, 101
13h
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
XXXX XXXX
76, 101
14h
CCPR1H
Capture/Compare/PWM Register 1 High Byte
XXXX XXXX
76, 101
15h
CCP1CON
P1M
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0-00 0000
75, 101
16h
PWM1CON
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000 0000
91, 101
17h
ECCPAS
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
0000 0000
88, 101
18h
—
Unimplemented
—
—
19h
VRCON
CMVREN
—
VRR
FVREN
VR3
VR2
VR1
VR0
0-00 0000
62, 101
1Ah
CMCON0
CMON
COUT
CMOE
CMPOL
—CMR
—CMCH
0000 -0-0
58, 101
1Bh
—
—
—
—
—
1Ch
CMCON1
—
—
—
T1ACS
CMHYS
—
T1GSS
CMSYNC
---0 0-10
59, 101
1Dh
—
Unimplemented
—
—
1Eh
ADRESH
Most Significant 8 bits of the left shifted A/D result or 2 bits of right shifted result
xxxx xxxx
71, 101
1Fh
ADCON0
ADFM
VCFG
—
CHS2
CHS1
CHS0
GO/DONE
ADON
00-0 0000
70, 101
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
IRP and RP1 bits are reserved, always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com