Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8SCE9HMT7 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCE9HMT7
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCE9HMT7 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button COP8SCE9HMT7 Datasheet HTML 19Page - National Semiconductor (TI) COP8SCE9HMT7 Datasheet HTML 20Page - National Semiconductor (TI) COP8SCE9HMT7 Datasheet HTML 21Page - National Semiconductor (TI) COP8SCE9HMT7 Datasheet HTML 22Page - National Semiconductor (TI) COP8SCE9HMT7 Datasheet HTML 23Page - National Semiconductor (TI) COP8SCE9HMT7 Datasheet HTML 24Page - National Semiconductor (TI) COP8SCE9HMT7 Datasheet HTML 25Page - National Semiconductor (TI) COP8SCE9HMT7 Datasheet HTML 26Page - National Semiconductor (TI) COP8SCE9HMT7 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
5.0 In-System Programming (Continued)
TABLE 9. PGMTIM Register Format (Continued)
PGMTIM
Register Bit
CKI Frequency Range
7
654
32
1
0
0
0
0
0
0
1
1
1
100 kHz–133 kHz
0
0
0
0
1
0
0
0
112.5 kHz–150 kHz
0
0
0
0
1
0
1
1
150 kHz–200 kHz
0
0
0
0
1
1
1
1
200 kHz–266.67 kHz
0
0
0
1
0
0
0
1
225 kHz–300 kHz
0
0
0
1
0
1
1
1
300 kHz–400 kHz
0
0
0
1
1
1
0
1
375 kHz–500 kHz
0
0
1
0
0
1
1
1
500 kHz–666.67 kHz
0
0
1
0
1
1
1
1
600 kHz–800 kHz
0
0
1
1
1
1
1
1
800 kHz–1.067 MHz
0
1
0
0
0
1
1
1
1 MHz–1.33 MHz
0
1
0
0
1
0
0
0
1.125 MHz–1.5 MHz
0
1
0
0
1
0
1
1
1.5 MHz–2 MHz
0
1
0
0
1
1
1
1
2 MHz–2.67 MHz
0
1
0
1
0
1
0
0
2.625 MHz–3.5 MHz
0
1
0
1
1
0
1
1
3.5 MHz–4.67 MHz
0
1
1
0
0
0
1
1
4.5 MHz–6 MHz
0
1
1
0
1
1
1
1
6 MHz–8 MHz
0
1
1
1
1
0
1
1
7.5 MHz–10 MHz
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
5.4 MANEUVERING BACK AND FORTH BETWEEN
FLASH MEMORY AND BOOT ROM
When using ISP, at some point, it will be necessary to
maneuver between the flash program memory and the Boot
ROM, even when using customized ISP routines. This is
because it’s not possible to execute from the flash program
memory while it’s being programmed.
Two instructions are available to perform the jumping back
and forth: Jump to Boot (JSRB) and Return to Flash (RETF).
The JSRB instruction is used to jump from flash memory to
Boot ROM, and the RETF is used to return from the Boot
ROM back to the flash program memory. See
13.0 Instruc-
tion Set for specific details on the operation of these instruc-
tions.
The JSRB instruction must be used in conjunction with the
Key register. This is to prevent jumping to the Boot ROM in
the event of run-away software. For the JSRB instruction to
actually jump to the Boot ROM, the Key bit must be set. This
is done by writing the value shown in
Table 10 to the Key
register. The Key is a 6 bit key and if the key matches, the
KEY bit will be set for 8 instruction cycles. The JSRB instruc-
tion must be executed while the KEY bit is set. If the KEY
does not match, then the KEY bit will not be set and the
JSRB will jump to the specified location in the flash memory.
In emulation mode, if a breakpoint is encountered while the
KEY is set, the counter that counts the instruction cycles will
be frozen until the breakpoint condition is cleared. If an
interrupt occurs while the key is set, the key will expire
before interrupt service is complete. It is recommended
that the software globally disable interrupts before set-
ting the key and re-enable interrupts on completion of
Boot ROM execution. The Key register is a memory
mapped register. Its format when writing is shown in
Table
10.
TABLE 10. KEY Register Write Format
KEY When Writing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
10
0
1
1
0
X
X
Bits 7–2: Key value that must be written to set the KEY bit.
Bits 1–0: Don’t care.
5.5 FORCED EXECUTION FROM BOOT ROM
When the user is developing a customized ISP routine, code
lockups due to software errors may be encountered. The
normal, and preferred, method to recover from these condi-
tions is to reprogram the device with the corrected code by
either an external parallel programmer or the emulation
tools. As a last resort, when this equipment is not available,
there is a hardware method to get out of these lockups and
force execution from the Boot ROM MICROWIRE/PLUS
routine. The customer will then be able to erase the Flash
Memory code and start over.
The method to force this condition is to drive the G6 pin to
high voltage (2 x V
CC) and activate Reset. The high voltage
condition on G6 must not be applied before V
CC is valid and
stable, and must be held for at least 3 instruction cycles
longer than Reset is active. This special condition will by-
pass checking the state of the Flex bit in the Option Register
and will start execution from location 0000 in the Boot ROM.
In this state, the user can input the appropriate commands,
using MICROWIRE/PLUS, to erase the flash program
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com