Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-E/SPQTP Datasheet(PDF) 43 Page - Microchip Technology

Part # PIC16F913-E/SPQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/SPQTP Datasheet(HTML) 43 Page - Microchip Technology

Back Button PIC16F913-E/SPQTP Datasheet HTML 39Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 40Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 41Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 42Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 43Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 44Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 45Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 46Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 41
PIC16F913/914/916/917/946
2.5
Indirect Addressing, INDF and
FSR Registers
The INDF register is not a physical register. Addressing
the INDF register will cause indirect addressing.
Indirect addressing is possible by using the INDF
register. Any instruction using the INDF register
actually accesses data pointed to by the File Select
Register (FSR). Reading INDF itself indirectly will
produce 00h. Writing to the INDF register indirectly
results in a no operation (although Status bits may be
affected). An effective 9-bit address is obtained by
concatenating the 8-bit FSR register and the IRP bit of
the STATUS register, as shown in Figure 2-7.
A simple program to clear RAM location 020h-02Fh
using indirect addressing is shown in Example 2-2.
EXAMPLE 2-2:
INDIRECT ADDRESSING
FIGURE 2-7:
DIRECT/INDIRECT ADDRESSING PIC16F91X/946
MOVLW
020h
;initialize pointer
MOVWF
FSR
;to RAM
BANKISEL
020h
NEXT CLRF
INDF
;clear INDF register
INCF
FSR
;inc pointer
BTFSS
FSR,4
;all done?
GOTO
NEXT
;no clear next
CONTINUE
;yes continue
Note:
For memory map detail, see Figures 2-3 and 2-4.
Data
Memory
Indirect Addressing
Direct Addressing
Bank Select
Location Select
RP1
RP0
6
0
From Opcode
IRP
File Select Register
7
0
Bank Select
Location Select
00
01
10
11
180h
1FFh
00h
7Fh
Bank 0
Bank 1
Bank 2
Bank 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com