Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-E/SPQTP Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC16F913-E/SPQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/SPQTP Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC16F913-E/SPQTP Datasheet HTML 54Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 55Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 56Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 57Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 58Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 59Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 60Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 61Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 56
© 2007 Microchip Technology Inc.
3.4.3
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTB pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the LCD or interrupts, refer to the appropriate
section in this data sheet.
3.4.3.1
RB0/INT/SEG0
Figure 3-9 shows the diagram for this pin. The RB0 pin
is configurable to function as one of the following:
• a general purpose I/O
• an external edge triggered interrupt
• an analog output for the LCD
3.4.3.2
RB1/SEG1
Figure 3-9 shows the diagram for this pin. The RB1 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.4.3.3
RB2/SEG2
Figure 3-9 shows the diagram for this pin. The RB2 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.4.3.4
RB3/SEG3
Figure 3-9 shows the diagram for this pin. The RB3 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
FIGURE 3-9:
BLOCK DIAGRAM OF RB<3:0>
Q
D
CK
Data Latch
TRIS Latch
RD TRISB
RD PORTB
Q
D
CK
TTL
Input Buffer
SE<3:0> and LCDEN
Data Bus
WR PORTB
WR TRISB
P
VDD
I/O Pin
Weak
Pull-up
SE<3:0>
SEG<3:0>
INT(1)
RBPU
Note 1: RB0 only.
SE<3:0> and LCDEN
VDD
VSS
WPUB<3:0>
Schmitt Trigger
SE0 and LCDEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com