Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-E/SPQTP Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC16F913-E/SPQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/SPQTP Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC16F913-E/SPQTP Datasheet HTML 130Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 131Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 132Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 133Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 134Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 135Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 136Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 137Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 132
© 2007 Microchip Technology Inc.
9.2
AUSART Baud Rate Generator
(BRG)
The Baud Rate Generator (BRG) is an 8-bit timer that
is dedicated to the support of both the asynchronous
and synchronous AUSART operation.
The SPBRG register determines the period of the free
running baud rate timer. In Asynchronous mode the
multiplier of the baud rate period is determined by the
BRGH bit of the TXSTA register. In Synchronous mode,
the BRGH bit is ignored.
Table 9-3 contains the formulas for determining the
baud rate. Example 9-1 provides a sample calculation
for determining the baud rate and baud rate error.
Typical baud rates and error values for various
asynchronous modes have been computed for your
convenience and are shown in Table 9-3. It may be
advantageous to use the high baud rate (BRGH = 1), to
reduce the baud rate error.
Writing a new value to the SPBRG register causes the
BRG timer to be reset (or cleared). This ensures that
the BRG does not wait for a timer overflow before out-
putting the new baud rate.
EXAMPLE 9-1:
CALCULATING BAUD
RATE ERROR
TABLE 9-3:
BAUD RATE FORMULAS
TABLE 9-4:
REGISTERS ASSOCIATED WITH THE BAUD RATE GENERATOR
For a device with FOSC of 16 MHz, desired baud rate
of 9600, Asynchronous mode:
Solving for SPBRG:
X
FOSC
Desired Baud Rate
---------------------------------------------
64
--------------------------------------------- 1
–
=
Desired Baud Rate
FOSC
64 SPBRG
1
+
()
---------------------------------------
=
16000000
9600
------------------------
64
------------------------1
–
=
25.042
[]
25
==
Calculated Baud Rate
16000000
64 25
1
+
()
---------------------------
=
9615
=
Error
Calc. Baud Rate Desired Baud Rate
–
Desired Baud Rate
--------------------------------------------------------------------------------------------
=
9615 9600
–
()
9600
----------------------------------
0.16%
==
Configuration Bits
AUSART Mode
Baud Rate Formula
SYNC
BRGH
00
Asynchronous
FOSC/[64 (n+1)]
01
Asynchronous
FOSC/[16 (n+1)]
1x
Synchronous
FOSC/[4 (n+1)]
Legend:
x
= Don’t care, n = value of SPBRG register
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on
POR, BOR
Value on
all other
Resets
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
SPBRG
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
0000 0000
0000 0000
TXSTA
CSRC
TX9
TXEN
SYNC
—BRGH
TRMT
TX9D
0000 -010
0000 -010
Legend:
x
= unknown, - = unimplemented read as ‘0’. Shaded cells are not used for the Baud Rate Generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com