Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-E/SPQTP Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC16F913-E/SPQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/SPQTP Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC16F913-E/SPQTP Datasheet HTML 188Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 189Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 190Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 191Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 192Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 193Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 194Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 195Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 190
© 2007 Microchip Technology Inc.
13.1.2
READING THE DATA EEPROM
MEMORY
To read a data memory location, the user must write the
address to the EEADRL register, clear the EEPGD
control bit, and then set control bit RD of the EECON1
register. The data is available in the very next cycle, in
the EEDATL register; therefore, it can be read in the
next instruction. EEDATL will hold this value until
another read or until it is written to by the user (during
a write operation).
EXAMPLE 13-1:
DATA EEPROM READ
13.1.3
WRITING TO THE DATA EEPROM
MEMORY
To write an EEPROM data location, the user must first
write the address to the EEADRL register and the data
to the EEDATL register. Then the user must follow a
specific sequence to initiate the write for each byte.
The write will not initiate if the sequence described below
is not followed exactly (write 55h to EECON2, write AAh
to EECON2, then set WR bit) for each byte. Interrupts
should be disabled during this code segment.
Additionally, the WREN bit in EECON1 must be set to
enable write. This mechanism prevents accidental
writes to data EEPROM due to errant (unexpected)
code execution (i.e., lost programs). The user should
keep the WREN bit clear at all times, except when
updating EEPROM. The WREN bit is not cleared
by hardware.
After a write sequence has been initiated, clearing the
WREN bit will not affect this write cycle. The WR bit will
be inhibited from being set unless the WREN bit is set.
At the completion of the write cycle, the WR bit is
cleared in hardware and the EE Write Complete
Interrupt Flag bit (EEIF) is set. The user can either
enable this interrupt or poll this bit. EEIF must be
cleared by software.
The steps to write to EEPROM data memory are:
1.
If step 10 is not implemented, check the WR bit
to see if a write is in progress.
2.
Write the address to EEADRL. Make sure that
the address is not larger than the memory size
of the device.
3.
Write the 8-bit data value to be programmed in
the EEDATL register.
4.
Clear the EEPGD bit to point to EEPROM data
memory.
5.
Set the WREN bit to enable program operations.
6.
Disable interrupts (if enabled).
7.
Execute the special five instruction sequence:
• Write 55h to EECON2 in two steps (first to W,
then to EECON2)
• Write AAh to EECON2 in two steps (first to
W, then to EECON2)
• Set the WR bit
8.
Enable interrupts (if using interrupts).
9.
Clear the WREN bit to disable program
operations.
10. At the completion of the write cycle, the WR bit
is cleared and the EEIF interrupt flag bit is set.
(EEIF must be cleared by firmware.) If step 1 is
not implemented, then firmware should check
for EEIF to be set, or WR to clear, to indicate the
end of the program cycle.
EXAMPLE 13-2:
DATA EEPROM WRITE
BANKSEL EEADRL
;
MOVF
DATA_EE_ADDR,W ;Data Memory
MOVWF
EEADRL
;Address to read
BANKSEL EECON1
;
BCF
EECON1,EEPGD
;Point to Data
;memory
BSF
EECON1,RD
;EE Read
BANKSEL EEDATL
;
MOVF
EEDATL,W
;W = EEPROM Data
BANKSEL EECON1
;
BTFSC
EECON1,WR
;Wait for write
GOTO
$-1
;to complete
BANKSEL EEADRL
;
MOVF
DATA_EE_ADDR,W ;Data Memory
MOVWF
EEADRL
;Address to write
MOVF
DATA_EE_DATA,W ;Data Memory Value
MOVWF
EEDATL
;to write
BANKSEL EECON1
;
BCF
EECON1,EEPGD
;Point to DATA
;memory
BSF
EECON1,WREN
;Enable writes
BCF
INTCON,GIE
;Disable INTs.
MOVLW
55h
;
MOVWF
EECON2
;Write 55h
MOVLW
AAh
;
MOVWF
EECON2
;Write AAh
BSF
EECON1,WR
;Set WR bit to
;begin write
BSF
INTCON,GIE
;Enable INTs.
BCF
EECON1,WREN
;Disable writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com