Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-E/SPQTP Datasheet(PDF) 197 Page - Microchip Technology

Part # PIC16F913-E/SPQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/SPQTP Datasheet(HTML) 197 Page - Microchip Technology

Back Button PIC16F913-E/SPQTP Datasheet HTML 193Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 194Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 195Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 196Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 197Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 198Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 199Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 200Page - Microchip Technology PIC16F913-E/SPQTP Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 195
PIC16F913/914/916/917/946
REGISTER 14-2:
SSPCON: SYNC SERIAL PORT CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WCOL
SSPOV
SSPEN
CKP
SSPM3(2)
SSPM2(2)
SSPM1(2)
SSPM0(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
WCOL: Write Collision Detect bit
1
= The SSPBUF register is written while it is still transmitting the previous word (must be cleared in software)
0
= No collision
bit 6
SSPOV: Receive Overflow Indicator bit
In SPI mode:
1
= A new byte is received while the SSPBUF register is still holding the previous data. In case of overflow, the
data in SSPSR is lost. Overflow can only occur in Slave mode. The user must read the SSPBUF, even if only
transmitting data, to avoid setting overflow. In Master mode, the overflow bit is not set since each new recep-
tion (and transmission) is initiated by writing to the SSPBUF register.
0
= No overflow
In I2C™ mode:
1
= A byte is received while the SSPBUF register is still holding the previous byte. SSPOV is a “don’t care” in
Transmit mode. SSPOV must be cleared in software in either mode.
0
= No overflow
bit 5
SSPEN: Synchronous Serial Port Enable bit
In SPI mode:
1
= Enables serial port and configures SCK, SDO and SDI as serial port pins
0
= Disables serial port and configures these pins as I/O port pins
In I2C mode:
1
= Enables the serial port and configures the SDA and SCL pins as serial port pins
0
= Disables serial port and configures these pins as I/O port pins
In both modes, when enabled, these pins must be properly configured as input or output.
bit 4
CKP: Clock Polarity Select bit
In SPI mode:
1
= Idle state for clock is a high level (Microwire default)
0
= Idle state for clock is a low level (Microwire alternate)
In I2C mode:
SCK release control
1
= Enable clock
0
= Holds clock low (clock stretch). (Used to ensure data setup time.)
bit 3-0
SSPM<3:0>: Synchronous Serial Port Mode Select bits
0000
= SPI Master mode, clock = FOSC/4
0001
= SPI Master mode, clock = FOSC/16
0010
= SPI Master mode, clock = FOSC/64
0011
= SPI Master mode, clock = TMR2 output/2
0100
= SPI Slave mode, clock = SCK pin. SS pin control enabled.
0101
= SPI Slave mode, clock = SCK pin. SS pin control disabled. SS can be used as I/O pin.
0110
= I2C Slave mode, 7-bit address
0111
= I2C Slave mode, 10-bit address
1000
= Reserved
1001
= Reserved
1010
= Reserved
1011
= I2C Firmware Controlled Master mode (slave IDLE)
1100
= Reserved
1101
= Reserved
1110
= I2C Slave mode, 7-bit address with Start and Stop bit interrupts enabled
1111
= I2C Slave mode, 10-bit address with Start and Stop bit interrupts enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com