Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/PSQTP Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16F616-E/PSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/PSQTP Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16F616-E/PSQTP Datasheet HTML 18Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 19Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 20Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 21Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 22Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 23Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 24Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 25Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 180 page
background image
PIC16F610/616/16HV610/616
DS41288C-page 20
Preliminary
© 2007 Microchip Technology Inc.
2.2.2.5
PIR1 Register
The PIR1 register contains the peripheral interrupt flag
bits, as shown in Register 2-5.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE of the INTCON register. User
software should ensure the appropriate
interrupt flag bits are clear prior to enabling
an interrupt.
REGISTER 2-5:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
—ADIF(1)
CCP1IF(1)
C2IF
C1IF
—TMR2IF(1)
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
ADIF: A/D Interrupt Flag bit(1)
1
= A/D conversion complete
0
= A/D conversion has not completed or has not been started
bit 5
CCP1IF: CCP1 Interrupt Flag bit(1)
Capture mode:
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare mode:
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM mode:
Unused in this mode
bit 4
C2IF: Comparator C2 Interrupt Flag bit
1
= Comparator C2 output has changed (must be cleared in software)
0
= Comparator C2 output has not changed
bit 3
C1IF: Comparator C1 Interrupt Flag bit
1
= Comparator C1 output has changed (must be cleared in software)
0
= Comparator C1 output has not changed
bit 2
Unimplemented: Read as ‘0’
bit 1
TMR2IF: Timer2 to PR2 Match Interrupt Flag bit(1)
1
= Timer2 to PR2 match occurred (must be cleared in software)
0
= Timer2 to PR2 match has not occurred
bit 0
TMR1IF: Timer1 Overflow Interrupt Flag bit
1
= Timer1 register overflowed (must be cleared in software)
0
= Timer1 has not overflowed
Note 1:
PIC16F616/16HV616 only. PIC16F610/16HV610 unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com