Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/PSQTP Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC16F616-E/PSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/PSQTP Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC16F616-E/PSQTP Datasheet HTML 68Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 69Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 70Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 71Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 72Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 73Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 74Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 75Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 180 page
background image
PIC16F610/616/16HV610/616
DS41288C-page 70
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 8-6:
VRCON: VOLTAGE REFERENCE CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
C1VREN
C2VREN
VRR
FVREN
VR3
VR2
VR1
VR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
C1VREN: Comparator 1 Voltage Reference Enable bit
1
= CVREF circuit powered on and routed to C1VREF input of Comparator C1
0
= 0.6 Volt constant reference routed to C1VREF input of Comparator C1
bit 6
C2VREN: Comparator 2 Voltage Reference Enable bit
1
= CVREF circuit powered on and routed to C2VREF input of Comparator C2
0
= 0.6 Volt constant reference routed to C2VREF input of Comparator C2
bit 5
VRR: CVREF Range Selection bit
1
= Low range
0
= High range
bit 4
FVREN: Fixed Voltage Reference (0.6V) Enable bit
1
= Enabled
0
= Disabled
bit 3-0
VR<3:0>: Comparator Voltage Reference CVREF Value Selection bits (0
≤ VR<3:0> ≤ 15)
When VRR = 1: CVREF = (VR<3:0>/24) * VDD
When VRR = 0: CVREF = VDD/4 + (VR<3:0>/32) * VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com