Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/PSQTP Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC16F616-E/PSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/PSQTP Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC16F616-E/PSQTP Datasheet HTML 114Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 115Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 116Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 117Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 118Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 119Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 120Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 121Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 180 page
background image
PIC16F610/616/16HV610/616
DS41288C-page 116
Preliminary
© 2007 Microchip Technology Inc.
12.4.2
TIMER0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
the T0IF bit of the INTCON register. The interrupt can
be enabled/disabled by setting/clearing T0IE bit of the
INTCON register. See Section 5.0 “Timer0 Module”
for operation of the Timer0 module.
12.4.3
PORTA INTERRUPT-ON-CHANGE
An input change on PORTA sets the RAIF bit of the
INTCON register. The interrupt can be enabled/
disabled by setting/clearing the RAIE bit of the INTCON
register. Plus, individual pins can be configured through
the IOCA register.
FIGURE 12-7:
INTERRUPT LOGIC
Note:
If a change on the I/O pin should occur
when any PORTA operation is being
executed, then the RAIF interrupt flag may
not get set.
TMR1IF
TMR1IE
C1IF
C1IE
T0IF
T0IE
INTF
INTE
RAIF
RAIE
GIE
PEIE
Wake-up (If in Sleep mode)(1)
Interrupt to CPU
ADIF(2)
ADIE(2)
IOC-RA0
IOCA0
IOC-RA1
IOCA1
IOC-RA2
IOCA2
IOC-RA3
IOCA3
IOC-RA4
IOCA4
IOC-RA5
IOCA5
TMR2IF(2)
TMR2IE(2)
CCP1IF(2)
CCP1IE(2)
C2IF
C2IE
Note
1:
Some peripherals depend upon the system clock for
operation. Since the system clock is suspended during Sleep, only
those peripherals which do not depend upon the system clock will wake
the part from Sleep. See Section 12.7.1 “Wake-up from Sleep”.
2:
PIC16F616/16HV616 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com