Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/PSQTP Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC16F616-E/PSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/PSQTP Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC16F616-E/PSQTP Datasheet HTML 143Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 144Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 145Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 146Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 147Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 148Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 149Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 150Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 180 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41288C-page 145
PIC16F610/616/16HV610/616
15.4
DC Characteristics:
PIC16F610/616/16HV610/616-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D020E
Power-down Base
Current (IPD)(2)
—0.05
9
μA
2.0
WDT, BOR, Comparators, VREF and
T1OSC disabled
—0.15
11
μA3.0
PIC16F610/616
—
0.35
15
μA5.0
PIC16HV610/616
—350
—
μA2.0
Note 3
—350
—
μA3.0
4—
200
nA
5.0
D021E
—
1
TBD
μA
2.0
WDT Current(1)
—2
TBD
μA3.0
—8
TBD
μA5.0
D022E
—
3
TBD
μA
3.0
BOR Current(1)
—4
TBD
μA5.0
D023E
—
32
TBD
μA
2.0
Comparator Current(1), both
comparators enabled
—60
TBD
μA3.0
—120
TBD
μA5.0
D024E
—
30
70
μA2.0
CVREF Current(1) (high range)
—45
90
μA3.0
—75
120
μA5.0
D025E*
—
39
91
μA2.0
CVREF Current(1) (low range)
—59
117
μA3.0
—98
156
μA5.0
D026E
—
4.5
25
μA
2.0
T1OSC Current(1), 32.768 kHz
—5
30
μA3.0
—6
40
μA5.0
D027E
—
0.30
12
μA
3.0
A/D Current(1), no conversion in
progress
—0.36
16
μA5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this
peripheral is enabled. The peripheral
Δ current can be determined by subtracting the base IDD or IPD
current from this limit. Max values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
Shunt regulator is always enabled and always draws operating current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com