Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616-E/PSQTP Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC16F616-E/PSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/PSQTP Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC16F616-E/PSQTP Datasheet HTML 149Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 150Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 151Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 152Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 153Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 154Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 155Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 156Page - Microchip Technology PIC16F616-E/PSQTP Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 180 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41288C-page 151
PIC16F610/616/16HV610/616
TABLE 15-2:
OSCILLATOR PARAMETERS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Freq.
Tolerance
Min
Typ†
Max
Units
Conditions
OS06
TWARM
Internal Oscillator Switch
when running(3)
——
—
2
TOSC
Slowest clock
OS08
INTOSC
Internal Calibrated
INTOSC Frequency(2)
±1%
7.92
8.0
8.08
MHz
VDD = 3.5V, 25°C
±2%
7.84
8.0
8.16
MHz
2.5V
≤ VDD ≤ 5.5V,
0°C
≤ TA ≤ +85°C
±5%
7.60
8.0
8.40
MHz
2.0V
≤ VDD ≤ 5.5V,
-40°C
≤ TA ≤ +85°C (Ind.),
-40°C
≤ TA ≤ +125°C (Ext.)
OS10*
TIOSC ST
INTOSC Oscillator Wake-
up from Sleep
Start-up Time
—
5.5
12
24
μsVDD = 2.0V, -40°C to +85°C
—3.5
7
14
μsVDD = 3.0V, -40°C to +85°C
—3
6
11
μsVDD = 5.0V, -40°C to +85°C
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing
code. Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected
current consumption. All devices are tested to operate at “min” values with an external clock applied to the OSC1 pin.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
2:
To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
μF and 0.01 μF values in parallel are recommended.
3:
By design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com