Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F887-E/MLSQTP Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC16F887-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F887-E/MLSQTP Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC16F887-E/MLSQTP Datasheet HTML 189Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 190Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 191Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 192Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 193Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 194Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 195Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 196Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 191
PIC16F882/883/884/886/887
13.4.5
BAUD RATE GENERATOR
In I2C Master mode, the reload value for the BRG is
located in the lower 7 bits of the SSPADD register
(Figure 13-11). When the BRG is loaded with this
value, the BRG counts down to 0 and stops until
another reload has taken place. The BRG count is
decremented twice per instruction cycle (TCY) on the
Q2 and Q4 clocks. In I2C Master mode, the BRG is
reloaded automatically. If clock arbitration is taking
place, for instance, the BRG will be reloaded when the
SCL pin is sampled high (Figure 13-12).
FIGURE 13-11:
BAUD RATE GENERATOR BLOCK DIAGRAM
FIGURE 13-12:
BAUD RATE GENERATOR TIMING WITH CLOCK ARBITRATION
SSPM<3:0>
BRG Down Counter
CLKOUT
FOSC/4
SSPADD<6:0>
SSPM<3:0>
SCL
Reload
Control
Reload
SDA
SCL
SCL de-asserted but slave holds
DX-1
DX
BRG
SCL is sampled high, reload takes
place and BRG starts its count
03h
02h
01h
00h (hold off)
03h
02h
Reload
BRG
Value
SCL low (clock arbitration)
SCL allowed to transition high
BRG decrements on
Q2 and Q4 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com