Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F887-E/MLSQTP Datasheet(PDF) 194 Page - Microchip Technology

Part # PIC16F887-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F887-E/MLSQTP Datasheet(HTML) 194 Page - Microchip Technology

Back Button PIC16F887-E/MLSQTP Datasheet HTML 190Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 191Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 192Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 193Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 194Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 195Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 196Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 197Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 192
Preliminary
© 2007 Microchip Technology Inc.
13.4.6
I2C™ MASTER MODE START
CONDITION TIMING
To initiate a Start condition, the user sets the Start Con-
dition Enable bit SEN of the SSPCON2 register. If the
SDA and SCL pins are sampled high, the Baud Rate
Generator
is
reloaded
with
the
contents
of
SSPADD<6:0> and starts its count. If SCL and SDA are
both sampled high when the Baud Rate Generator
times out (TBRG), the SDA pin is driven low. The action
of the SDA being driven low, while SCL is high, is the
Start condition, and causes the S bit of the SSPSTAT
register to be set. Following this, the Baud Rate Gener-
ator is reloaded with the contents of SSPADD<6:0>
and resumes its count. When the Baud Rate Generator
times out (TBRG), the SEN bit of the SSPCON2 register
will be automatically cleared by hardware, the Baud
Rate Generator is suspended leaving the SDA line held
low and the Start condition is complete.
13.4.6.1
WCOL Status Flag
If the user writes the SSPBUF when a Start sequence
is in progress, the WCOL is set and the contents of the
buffer are unchanged (the write doesn’t occur).
FIGURE 13-13:
FIRST START BIT TIMING
Note:
If, at the beginning of the Start condition,
the SDA and SCL pins are already sam-
pled low, or if during the Start condition the
SCL line is sampled low before the SDA
line is driven low, a bus collision occurs, the
Bus Collision Interrupt Flag, BCLIF, is set,
the Start condition is aborted, and the I2C
module is reset into its Idle state.
Note:
Because
queueing
of
events
is
not
allowed, writing to the lower 5 bits of
SSPCON2 is disabled until the Start condi-
tion is complete.
SDA
SCL
S
TBRG
1st Bit
2nd Bit
TBRG
SDA = 1,
At completion of Start bit,
SCL = 1
Write to SSPBUF occurs here
TBRG
hardware clears SEN bit
TBRG
Write to SEN bit occurs here
Set S bit (SSPSTAT)
and sets SSPIF bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com