Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-I/ML Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16F913-I/ML
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-I/ML Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16F913-I/ML Datasheet HTML 27Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 28Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 29Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 30Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 31Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 32Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 33Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 34Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 29
PIC16F913/914/916/917/946
TABLE 2-2:
PIC16F91X/946 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
41,226
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
33,227
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
40,226
83h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
32,226
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
41,226
85h
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111
44,227
86h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
54,227
87h
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
62,227
88h
TRISD(3)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
1111 1111
71,227
89h
TRISE
TRISE7(2) TRISE6(2) TRISE5(2) TRISE4(2) TRISE3(5) TRISE2(3) TRISE1(3) TRISE0(3)
1111 1111
76,227
8Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
40,226
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
34,226
8Ch
PIE1
EEIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
35,227
8Dh
PIE2
OSFIE
C2IE
C1IE
LCDIE
—LVDIE
—
CCP2IE(3)
0000 -0-0
36,227
8Eh
PCON
—
—
—
SBOREN
—
—POR
BOR
---1 --qq
39,227
8Fh
OSCCON
—
IRCF2
IRCF1
IRCF0
OSTS(4)
HTS
LTS
SCS
-110 q000
88,227
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
92,227
91h
ANSEL
ANS7(3)
ANS6(3)
ANS5(3)
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
43,227
92h
PR2
Timer2 Period Register
1111 1111
107,227
93h
SSPADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000
202,227
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
194,227
95h
WPUB
WPUB7
WPUB6
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
1111 1111
55,227
96h
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
—
—
—
—
0000 ----
54,227
97h
CMCON1
—
—
—
—
—
—
T1GSS
C2SYNC
---- --10
117,227
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
130,227
99h
SPBRG
SPBRG7
SPBRG6
SPBRG5
SPBRG4
SPBRG3
SPBRG2
SPBRG1
SPBRG0
0000 0000
132,227
9Ah
—
Unimplemented
—
—
9Bh
—
Unimplemented
—
—
9Ch
CMCON0
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
116,227
9Dh
VRCON
VREN
—VRR
—
VR3
VR2
VR1
VR0
0-0- 0000
118,227
9Eh
ADRESL
A/D Result Register Low Byte
xxxx xxxx
182,227
9Fh
ADCON1
—
ADCS2
ADCS1
ADCS0
—
—
—
—
-000 ----
181,227
Legend:
-
= Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
PIC16F946 only, forced ‘0’ on PIC16F91X.
3:
PIC16F914/917 and PIC16F946 only, forced ‘0’ on PIC16F913/916.
4:
The value of the OSTS bit is dependent on the value of the Configuration Word (CONFIG) of the device. See Section 4.2 “Oscillator
Control”.
5:
Bit is read-only; TRISE3 = 1 always.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com