Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-I/ML Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC16F913-I/ML
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-I/ML Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC16F913-I/ML Datasheet HTML 41Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 42Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 43Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 44Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 45Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 46Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 47Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 48Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 43
PIC16F913/914/916/917/946
3.0
I/O PORTS
The PIC16F913/914/916/917/946 family of devices
includes several 8-bit PORT registers along with their
corresponding TRIS registers and one four bit port:
• PORTA and TRISA
• PORTB and TRISB
• PORTC and TRISC
• PORTD and TRISD(1)
• PORTE and TRISE
• PORTF and TRISF(2)
• PORTG and TRISG(2)
PORTA, PORTB, PORTC and RE3/MCLR/VPP are
implemented on all devices. PORTD and RE<2:0>
(PORTE) are implemented only on the PIC16F914/917
and PIC16F946. RE<7:4> (PORTE), PORTF and
PORTG are implemented only on the PIC16F946.
3.1
ANSEL Register
The ANSEL register (Register 3-1) is used to configure
the Input mode of an I/O pin to analog. Setting the
appropriate ANSEL bit high will cause all digital reads
on the pin to be read as ‘0’ and allow analog functions
on the pin to operate correctly.
The state of the ANSEL bits has no affect on digital out-
put functions. A pin with TRIS clear and ANSEL set will
still operate as a digital output, but the Input mode will
be analog. This can cause unexpected behavior when
executing read-modify-write instructions on
the
affected port.
Note 1: PIC16F914/917 and PIC16F946 only.
2: PIC16F946 only
REGISTER 3-1:
ANSEL: ANALOG SELECT REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
ANS7(2)
ANS6(2)
ANS5(2)
ANS4
ANS3
ANS2
ANS1
ANS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ANS<7:0>: Analog Select bits
Analog select between analog or digital function on pins AN<7:0>, respectively.
1
= Analog input. Pin is assigned as analog input(1).
0
= Digital I/O. Pin is assigned to port or special function.
Note 1:
Setting a pin to an analog input automatically disables the digital input circuitry, weak pull-ups, and
interrupt-on-change if available. The corresponding TRIS bit must be set to Input mode in order to allow
external control of the voltage on the pin.
2:
PIC16F914/PIC16F917/PIC16F946 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com