Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-I/ML Datasheet(PDF) 116 Page - Microchip Technology

Part # PIC16F913-I/ML
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-I/ML Datasheet(HTML) 116 Page - Microchip Technology

Back Button PIC16F913-I/ML Datasheet HTML 112Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 113Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 114Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 115Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 116Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 117Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 118Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 119Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 114
© 2007 Microchip Technology Inc.
8.3
Comparator Control
The CMCON0 register (Register 8-1) provides access
to the following comparator features:
• Mode selection
• Output state
• Output polarity
• Input switch
8.3.1
COMPARATOR OUTPUT STATE
Each comparator state can always be read internally
via the associated CxOUT bit of the CMCON0 register.
The comparator outputs are directed to the CxOUT
pins when CM<2:0> = 110. When this mode is
selected, the TRIS bits for the associated CxOUT pins
must be cleared to enable the output drivers.
8.3.2
COMPARATOR OUTPUT POLARITY
Inverting the output of a comparator is functionally
equivalent to swapping the comparator inputs. The
polarity of a comparator output can be inverted by set-
ting the CxINV bits of the CMCON0 register. Clearing
CxINV results in a non-inverted output. A complete
table showing the output state versus input conditions
and the polarity bit is shown in Table 8-1.
TABLE 8-1:
OUTPUT STATE VS. INPUT
CONDITIONS
8.3.3
COMPARATOR INPUT SWITCH
The inverting input of the comparators may be switched
between two analog pins or an analog input pin and
and the fixed voltage reference in the following modes:
• CM<2:0> = 001 (Comparator C1 only)
• CM<2:0> = 010 (Comparators C1 and C2)
• CM<2:0> = 101 (Comparator C2 only)
In the above modes, both pins remain in Analog mode
regardless of which pin is selected as the input. The CIS
bit of the CMCON0 register controls the comparator
input switch.
8.4
Comparator Response Time
The comparator output is indeterminate for a period of
time after the change of an input source or the selection
of a new reference voltage. This period is referred to as
the response time. The response time of the comparator
differs from the settling time of the voltage reference.
Therefore, both of these times must be considered when
determining the total response time to a comparator
input change. See the Comparator and Voltage
Reference Specifications in Section 19.0 “Electrical
Specifications” for more details.
8.5
Comparator Interrupt Operation
The comparator interrupt flag is set whenever there is
a change in the output value of the comparator.
Changes are recognized by means of a mismatch
circuit which consists of two latches and an
exclusive-or gate (see Figure 8-2 and Figure 8-3). One
latch is updated with the comparator output level when
the CMCON0 register is read. This latch retains the
value until the next read of the CMCON0 register or the
occurrence of a Reset. The other latch of the mismatch
circuit is updated on every Q1 system clock. A
mismatch condition will occur when a comparator
output change is clocked through the second latch on
the Q1 clock cycle. The mismatch condition will persist,
holding the CxIF bit of the PIR2 register true, until either
the CMCON0 register is read or the comparator output
returns to the previous state.
Software will need to maintain information about the
status of the comparator output to determine the actual
change that has occurred.
The CxIF bit of the PIR2 register is the comparator
interrupt flag. This bit must be reset in software by
clearing it to ‘0’. Since it is also possible to write a ‘1’ to
this register, a simulated interrupt may be initiated.
The CxIE bit of the PIE2 register and the PEIE and GIE
bits of the INTCON register must all be set to enable
comparator interrupts. If any of these bits are cleared,
the interrupt is not enabled, although the CxIF bit of the
PIR2 register will still be set if an interrupt condition
occurs.
The user, in the Interrupt Service Routine, can clear the
interrupt in the following manner:
a) Any read or write of CMCON0. This will end the
mismatch condition. See Figures 8-6 and 8-7
b) Clear the CxIF interrupt flag.
A persistent mismatch condition will preclude clearing
the CxIF interrupt flag. Reading CMCON0 will end the
mismatch condition and allow the CxIF bit to be cleared.
Input Conditions
CxINV
CxOUT
VIN- > VIN+
00
VIN- < VIN+
01
VIN- > VIN+
11
VIN- < VIN+
10
Note:
CxOUT refers to both the register bit and
output pin.
Note:
A write operation to the CMCON0 register
will also clear the mismatch condition
because all writes include a read
operation at the beginning of the write
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com