Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913-I/ML Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC16F913-I/ML
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-I/ML Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC16F913-I/ML Datasheet HTML 147Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 148Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 149Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 150Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 151Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 152Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 153Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 154Page - Microchip Technology PIC16F913-I/ML Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 149
PIC16F913/914/916/917/946
10.4
LCD Multiplex Types
The LCD driver module can be configured into one of
four multiplex types:
• Static (only COM0 is used)
• 1/2 multiplex (COM<1:0> are used)
• 1/3 multiplex (COM<2:0> are used)
• 1/4 multiplex (COM<3:0> are used)
The LMUX<1:0> bit setting of the LCDCON register
decides the function of RB5, RA2 or either RA3 or RD0
pins (see Table 10-2 for details).
If the pin is a digital I/O, the corresponding TRIS bit
controls the data direction. If the pin is a COM drive,
then the TRIS setting of that pin is overridden.
TABLE 10-2:
RA3/RD0, RA2, RB5
FUNCTION
10.5
Segment Enables
The LCDSEn registers are used to select the pin
function for each segment pin. The selection allows
each pin to operate as either an LCD segment driver or
as one of the pin’s alternate functions. To configure the
pin as a segment pin, the corresponding bits in the
LCDSEn registers must be set to ‘1’.
If the pin is a digital I/O, the corresponding TRIS bit
controls the data direction. Any bit set in the LCDSEn
registers overrides any bit settings in the corresponding
TRIS register.
10.6
Pixel Control
The LCDDATAx registers contain bits which define the
state of each pixel. Each bit defines one unique pixel.
Register 10-4 shows the correlation of each bit in the
LCDDATAx registers to the respective common and
segment signals.
Any LCD pixel location not being used for display can
be used as general purpose RAM.
10.7
LCD Frame Frequency
The rate at which the COM and SEG outputs change is
called the LCD frame frequency.
TABLE 10-3:
FRAME FREQUENCY
FORMULAS
TABLE 10-4:
APPROXIMATE FRAME
FREQUENCY (IN Hz) USING
FOSC @ 8 MHz, TIMER1 @
32.768 kHz OR LFINTOSC
Note:
On a Power-on Reset, the LMUX<1:0>
bits of the LCDCON register are ‘11’.
Multiplex
LMUX
<1:0>
RA3/RD0(1)
RA2
RB5
Static
00
Digital I/O
Digital I/O
Digital I/O
1/2
01
Digital I/O
Digital I/O
COM1 Driver
1/3
10
Digital I/O
COM2 Driver COM1 Driver
1/4
11
COM3 Driver COM2 Driver COM1 Driver
Note
1:
RA3 for PIC16F913/916, RD0 for PIC16F914/917 and
PIC16F946
Note:
On a Power-on Reset, these pins are
configured as digital I/O.
Multiplex
Frame Frequency =
Static
Clock source/(4 x 1 x (LP<3:0> + 1))
1/2
Clock source/(2 x 2 x (LP<3:0> + 1))
1/3
Clock source/(1 x 3 x (LP<3:0> + 1))
1/4
Clock source/(1 x 4 x (LP<3:0> + 1))
Note:
Clock source is FOSC/8192, T1OSC/32 or
LFINTOSC/32.
LP<3:0>
Static
1/2
1/3
1/4
285
85
114
85
364
64
85
64
451
51
68
51
543
43
57
43
637
37
49
37
732
32
43
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com