Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917-E/ML Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16F917-E/ML
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-E/ML Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16F917-E/ML Datasheet HTML 58Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 59Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 60Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 61Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 62Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 63Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 64Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 65Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 60
© 2007 Microchip Technology Inc.
3.4.3.8
RB7/ICSPDAT/ICDDAT/SEG13
Figure 3-13 shows the diagram for this pin. The RB7
pin is configurable to function as one of the following:
• a general purpose I/O
• an In-Circuit Serial Programming™ I/O
• an ICD data I/O
• an analog output for the LCD
FIGURE 3-13:
BLOCK DIAGRAM OF RB7
From other
Set RBIF
RB<7:4> pins
Q1
Q
D
CK
Data Latch
TRIS Latch
Q
D
CK
TTL
Input Buffer
SE13 and LCDEN
Data Bus
WR PORTB
WR TRISB
P
VDD
I/O Pin
Weak
Pull-up
SE13 and LCDEN
RBPU
D
Q
EN
PORT/Program Mode/ICD
SEG13
PGD DRVEN
ICSPDAT
SE13 and LCDEN
Program
Mode/ICD
VDD
VSS
RD TRISB
RD PORTB
Q
D
CK
Q
RD IOC
WR IOC
RD PORTB
D
Q
EN
Interrupt-on-
Change
Write ‘0’ to RBIF
Q
S
R
0
1
0
1
ICSPDAT/ICDDAT
Schmitt Trigger
Program Mode or ICD Mode or (SE13 and LCDEN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com