Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917-E/ML Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F917-E/ML
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-E/ML Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F917-E/ML Datasheet HTML 83Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 84Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 85Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 86Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 87Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 88Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 89Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 90Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 85
PIC16F913/914/916/917/946
3.9.1
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTG pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions,
refer to the appropriate section in this data sheet.
3.9.1.1
RG0/SEG36
Figure 3-30 shows the diagram for this pin. The RG0
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.9.1.2
RG1/SEG37
Figure 3-30 shows the diagram for this pin. The RG1
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.9.1.3
RG2/SEG38
Figure 3-30 shows the diagram for this pin. The RG2
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.9.1.4
RG3/SEG39
Figure 3-30 shows the diagram for this pin. The RG3
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.9.1.5
RG4/SEG40
Figure 3-30 shows the diagram for this pin. The RG4
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.9.1.6
RG5/SEG41
Figure 3-30 shows the diagram for this pin. The RG5
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
FIGURE 3-30:
BLOCK DIAGRAM OF RG<5:0>
Data Bus
WR PORTG
WR TRISG
RD PORTG
SEG<41:36>
Schmitt
Trigger
I/O Pin
Data Latch
TRIS Latch
Q
D
Q
CK
Q
D
Q
CK
RD TRISG
SE<41:36> and LCDEN
SE<41:36> and LCDEN
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com