Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917-E/ML Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC16F917-E/ML
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-E/ML Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC16F917-E/ML Datasheet HTML 189Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 190Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 191Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 192Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 193Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 194Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 195Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 196Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 191
PIC16F913/914/916/917/946
13.1.4
READING THE FLASH PROGRAM
MEMORY
To read a program memory location, the user must
write two bytes of the address to the EEADRL and
EEADRH registers, set the EEPGD control bit, and
then set control bit RD of the EECON1 register. Once
the read control bit is set, the program memory Flash
controller will use the second instruction cycle to read
the data. This causes the second instruction immedi-
ately following the “BSF EECON1,RD” instruction to be
ignored. The data is available in the very next cycle, in
the EEDATL and EEDATH registers; therefore, it can
be read as two bytes in the following instructions.
EEDATL and EEDATH registers will hold this value until
another read or until it is written to by the user (during
a write operation).
EXAMPLE 13-3:
FLASH PROGRAM READ
Note 1: The two instructions following a program
memory read are required to be NOP’s.
This prevents the user from executing a
two-cycle
instruction
on
the
next
instruction after the RD bit is set.
2: If the WR bit is set when EEPGD = 1, the
WR bit will be immediately reset to ‘0’ and
no operation will take place.
BANKSEL
EEADRL
;
MOVLW
MS_PROG_EE_ADDR;
MOVWF
EEADRH
;MS Byte of Program Address to read
MOVLW
LS_PROG_EE_ADDR;
MOVWF
EEADRL
;LS Byte of Program Address to read
BANKSEL
EECON1
;
BSF
EECON1, EEPGD
;Point to PROGRAM memory
BSF
EECON1, RD
;EE Read
;
NOP
NOP
;Any instructions here are ignored as program
;memory is read in second cycle after BSF
;
BANKSEL
EEDATL
;
MOVF
EEDATL, W
;W = LS Byte of EEPROM Data program
MOVWF
DATAL
;
MOVF
EEDATH, W
;W = MS Byte of EEPROM Data program
MOVWF
DATAH
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com