Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SOC2222AHR Datasheet(PDF) 9 Page - STMicroelectronics

Part # SOC2222AHR
Description  Rad-Hard 50 V, 0.8 A NPN transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC2222AHR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SOC2222AHR Datasheet HTML 5Page - STMicroelectronics SOC2222AHR Datasheet HTML 6Page - STMicroelectronics SOC2222AHR Datasheet HTML 7Page - STMicroelectronics SOC2222AHR Datasheet HTML 8Page - STMicroelectronics SOC2222AHR Datasheet HTML 9Page - STMicroelectronics SOC2222AHR Datasheet HTML 10Page - STMicroelectronics SOC2222AHR Datasheet HTML 11Page - STMicroelectronics SOC2222AHR Datasheet HTML 12Page - STMicroelectronics SOC2222AHR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
4
Ordering information
Table 6. Ordering information
Part number
ESCC
specification
Screening
option
Radiation level
Package
Mass
Lead finish
Marking(1)
Packing
SOC2222A1
-
Engineering
model
-
LCC-3
0.6 g
Gold
SOC2222A1
WafflePack
SOC2222ARHRG
5201/002/04R
Flight
model
100 krad
Gold
520100204R
WafflePack
SOC2222ARHRT
5201/002/05R
Solder Dip
520100205R
SOC2222ARHRTW
5201/002/05R
Solder Dip
520100205R
Tape and reel
SOC2222AHRG
5201/002/04
-
Gold
520100204
WafflePack
SOC2222AHRT
5201/002/05
-
Solder Dip
520100205
SOC2222AHRTW
5201/002/05
-
Solder Dip
520100205
Tape and reel
1. Specific marking only. The full marking includes in addition: For the Engineering Models: ST logo, date code; country of origin (FR). For ESCC flight parts: ST logo,
date code, country of origin (FR), ESA logo, serial number of the part within the assembly lot.
Contact ST sales office for information about specific conditions for products in die form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com