Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SOC2222AHR Datasheet(PDF) 3 Page - STMicroelectronics

Part # SOC2222AHR
Description  Rad-Hard 50 V, 0.8 A NPN transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC2222AHR Datasheet(HTML) 3 Page - STMicroelectronics

  SOC2222AHR Datasheet HTML 1Page - STMicroelectronics SOC2222AHR Datasheet HTML 2Page - STMicroelectronics SOC2222AHR Datasheet HTML 3Page - STMicroelectronics SOC2222AHR Datasheet HTML 4Page - STMicroelectronics SOC2222AHR Datasheet HTML 5Page - STMicroelectronics SOC2222AHR Datasheet HTML 6Page - STMicroelectronics SOC2222AHR Datasheet HTML 7Page - STMicroelectronics SOC2222AHR Datasheet HTML 8Page - STMicroelectronics SOC2222AHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
Table 3. Electrical characteristics (Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ICBO
Collector-base cut-off current
(IE = 0)
VCB = 60 V
10
nA
VCB = 60 V, Tamb = 150 °C
10
µA
IEBO
Emitter-base cut-off current
(IC = 0)
VEB = 3 V
10
nA
V(BR)CBO
Collector-base breakdown
voltage
(IE = 0)
IC = 100 µA
75
V
V(BR)CEO (1)
Collector-emitter breakdown
voltage
(IB = 0)
IC = 10 mA
50
V
V(BR)EBO
Emitter-base breakdown
voltage
(IC = 0)
IC = 100 µA
6
V
VCE(sat) (1)
Collector-emitter saturation
voltage
IC = 150 mA, IB = 15 mA
0.3
V
VBE(sat) (1)
Base-emitter saturation
voltage
IC = 150 mA, IB = 15 mA
1.2
V
hFE (1)
DC current gain
IC = 0.1 mA, VCE = 10 V
35
IC = 10 mA, VCE = 10 V
75
IC = 150 mA, VCE = 10 V
100
300
IC = 500 mA, VCE = 10 V
40
IC = 10 mA, Tamb = -55 °C, VCE = 10 V
35
hfe
Small signal current gain
IC = 20 mA, f = 100 MHz, VCE = 20 V
2.5
COBO
Output capacitance
(IE = 0)
100 kHz ≤ f ≤ 1 MHz, VCB = 10 V
8
pF
ton
Turn-on time
ICC = 150 mA,
IB1 = 15 mA,
VCC = 30 V
35
ns
toff
Turn-off time
ICC = 150 mA,
IB1 = IB2 = 15 mA,
VCC = 30 V
285
ns
1. Pulsed duration = 300 µs, duty cycle ≤ 1.5%
SOC2222AHR
Electrical characteristics
DS14749 - Rev 1
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com