Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WBA50KG Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 66Page - STMicroelectronics STM32WBA50KG Datasheet HTML 67Page - STMicroelectronics STM32WBA50KG Datasheet HTML 68Page - STMicroelectronics STM32WBA50KG Datasheet HTML 69Page - STMicroelectronics STM32WBA50KG Datasheet HTML 70Page - STMicroelectronics STM32WBA50KG Datasheet HTML 71Page - STMicroelectronics STM32WBA50KG Datasheet HTML 72Page - STMicroelectronics STM32WBA50KG Datasheet HTML 73Page - STMicroelectronics STM32WBA50KG Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
Electrical characteristics
STM32WBA50KG
70/110
DS14688 Rev 1
Table 38. Current consumption in Sleep mode, flash memory in power-down(1)(2)
Symbol
Parameter
Conditions
Typ
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
IDD
(Sleep)
Supply
current in
Sleep mode
fHCLK1 = fHSI16 = 16 MHz
Range 2
16 MHz
0.34
0.38
0.52
mA
fHCLK1 = fHSE32 = 32 MHz
Range 1
32 MHz
0.95
1.06
1.36
fHCLK1 = HSE32 + PLL > 32 MHz
100 MHz
2.14
2.25
2.56
1. Evaluated by characterization, not tested in production, unless otherwise specified.
2. All peripherals disabled.
Table 39. Flash memory static power consumption(1)
Symbol
Parameter
Conditions
Typ
Unit
25 °C 55 °C 85 °C
IDD (Flash)
Static consumption in normal mode
PD = 1 versus PD = 0
44.6
48.5
59.0
µA
IDD (Flash_LPM)
Additional static consumption in
normal versus low-power mode
LPM = 1 versus LPM = 0 25.2
26.2
28.7
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 40. Current consumption in Stop 0 mode(1)
Symbol
Parameter
Conditions
Typ
Unit
-VDD
25 °C
55 °C
85 °C
IDD(Stop 0)
Supply current in Stop 0 mode,
SRAM2 + CACHE retained
Range 2
1.8 V
48
79
181
µA
2.4 V
48
79
180
3.0 V
49
80
182
3.3 V
49
82
186
3.6 V
50
82
197
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 41. Current consumption in Stop 1 mode(1)
Symbol
Parameter
Condition
Typ
Unit
VDD
25 °C
55 °C
85 °C
IDD(Stop 1)
Supply current in Stop 1 mode,
SRAM1 retained, ULPMEN = 1
1.8 V
20.2
49.0
134.5
µA
2.4 V
22.1
50.3
133.9
3.0 V
20.5
51.3
135.7
3.3 V
22.6
53.7
136.0
3.6 V
20.9
56.0
152.5
1. Evaluated by characterization, not tested in production, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com