Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WBA50KG Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 7Page - STMicroelectronics STM32WBA50KG Datasheet HTML 8Page - STMicroelectronics STM32WBA50KG Datasheet HTML 9Page - STMicroelectronics STM32WBA50KG Datasheet HTML 10Page - STMicroelectronics STM32WBA50KG Datasheet HTML 11Page - STMicroelectronics STM32WBA50KG Datasheet HTML 12Page - STMicroelectronics STM32WBA50KG Datasheet HTML 13Page - STMicroelectronics STM32WBA50KG Datasheet HTML 14Page - STMicroelectronics STM32WBA50KG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
DS14688 Rev 1
11/110
STM32WBA50KG
Description
50
2
Description
The STM32WBA50KG multiprotocol wireless and ultra-low power devices embed a
powerful and ultra-low power radio compliant with the Bluetooth® SIG Low Energy
specification 5.4. They operate at a frequency of up to 100 MHz.
The devices integrate a 2.4 GHz RADIO supporting Bluetooth Low Energy, and make
possible to use proprietary protocols.
The STM32WBA50KG are based on a high-performance Arm Cortex-M33 32-bit RISC core,
featuring a single-precision floating-point unit (FPU), supporting all the Arm single-precision
data-processing instructions and all the data types. This core also implements a full set of
DSP (digital signal processing) instructions and a memory protection unit (MPU) that
enhances the application security.
The devices embed high-speed memories (1 Mbyte of flash memory and 64 Kbytes of
SRAM), an extensive range of enhanced I/Os and peripherals connected to AHB and APB
buses on the 32-bit multi-AHB bus matrix.
A flexible life cycle is managed thanks to multiple levels readout protection and debug
unlock with password.
Several protection mechanisms are available for embedded flash memory and SRAM,
namely readout and write protection.
The devices embed several peripherals reinforcing security: a fast AES coprocessor, a PKA
(public key accelerator), a HASH hardware accelerator, and a true random number
generator.
Active tamper detection and protection against transient perturbation attacks, is achieved
thanks to several internal monitoring generating secret data erase in case of attack. This
helps to fit the PCI requirements for point of sales applications.
Hardware semaphores enable the synchronization between software processes.
The devices offer one 12-bit ADC (2.5 Msps), a low-power RTC, one 32-bit general-purpose
timer, one 16-bit PWM timer for motor control, one 16-bit general-purpose timer, and one
16-bit low-power timer. They also feature standard and advanced communication
interfaces, namely one I2C, one SPI, one USART, and one low-power UART.
The STM32WBA50KG operate in the -40 to 85 °C (105 °C junction) temperature range from
a 1.71 to 3.6 V power supply.
The design of low-power applications is enabled by a comprehensive set of power-saving
modes.
Many peripherals (including radio, communication, analog, and timer peripherals) can be
functional and autonomous in Stop mode with direct memory access thanks to BAM
(background autonomous mode) support.
Some independent power supplies are supported, like an analog independent supply input
for ADC, and radio dedicated supply inputs for the 2.4 GHz RADIO.
The STM32WBA50KG devices are available in an UFQFPN32 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com