Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WBA50KG Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32WBA50KG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA50KG Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32WBA50KG Datasheet HTML 98Page - STMicroelectronics STM32WBA50KG Datasheet HTML 99Page - STMicroelectronics STM32WBA50KG Datasheet HTML 100Page - STMicroelectronics STM32WBA50KG Datasheet HTML 101Page - STMicroelectronics STM32WBA50KG Datasheet HTML 102Page - STMicroelectronics STM32WBA50KG Datasheet HTML 103Page - STMicroelectronics STM32WBA50KG Datasheet HTML 104Page - STMicroelectronics STM32WBA50KG Datasheet HTML 105Page - STMicroelectronics STM32WBA50KG Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
Electrical characteristics
STM32WBA50KG
102/110
DS14688 Rev 1
Figure 24. SPI timing diagram - Master mode
5.3.28
JTAG/SWD interface characteristics
Unless otherwise specified, the parameters given in the tables below are with the following
configuration:
•
Output speed is set to OSPEEDRy[1:0] = 00
•
Capacitive load C = 30 pF
•
Measurement points are done at 0.5 x VDD
•
I/O compensation cell disabled
ai14136d
CPHA=0
CPOL=0
MOSI
OUTPUT
MISO
INPUT
CPHA=0
CPOL=1
LSB OUT
LSB IN
BIT1 OUT
NSS input
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
th(MI)
High
CPHA=1
CPOL=0
CPHA=1
CPOL=1
tsu(MI)
tv(MO)
th(MO)
MSB IN
BIT6 IN
MSB OUT
Table 79. JTAG characteristics(1)
1. Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fTCK
1/tc(TCK)
TCK clock frequency
2.7 V ≤ VDD ≤ 3.6 V
-
-
30
MHz
1.71 V ≤ VDD < 2.7 V
-
-
20.5
tisu(TMS)
TMS input setup time
-
1.5
-
-
ns
tih(TMS)
TMS input hold time
-
3
-
-
tisu(TDI)
TDI input setup time
-
9
-
-
tih(TDI)
TDI input hold time
-
0
-
-
tov(TDO)
TDO output valid time
2.7 V ≤ VDD ≤ 3.6 V
-
13
16.5
1.71 V ≤ VDD < 2.7 V
-
13
24
toh(TDO)
TDO output hold time
-
10
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com