Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSA5523M/C1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TSA5523M/C1
Description  1.4 GHz I2C-bus controlled multimedia synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5523M/C1 Datasheet(HTML) 2 Page - NXP Semiconductors

  TSA5523M/C1 Datasheet HTML 1Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 2Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 3Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 4Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 5Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 6Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 7Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 8Page - NXP Semiconductors TSA5523M/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Dec 17
2
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled multimedia
synthesizer
TSA5523M
FEATURES
• Complete 1.4 GHz single-chip system
• Adaptive DC/DC converter driver output
• On-board tuning amplifier output
• Varicap drive disable
• Four NPN open-collector output ports (10 mA)
• Four bus-controlled bidirectional ports
(NPN open-collector outputs)
• In-lock detector
• 5-step Analog-to-Digital Converter (ADC)
• Mixer/Oscillator (M/O) band-switch output
• 15-bit programmable divider
• Programmable reference divider ratio
(512, 640 or 1024)
• Programmable charge-pump current (50 or 250 µA)
• I2C-bus format
– Address plus four data bytes transmission
(write mode)
– Address plus one status byte transmission
(read mode)
– Four independent addresses
• Low power, low radiation.
GENERAL DESCRIPTION
The device is a single chip PLL frequency synthesizer
designed for TV and VCR tuning systems. The circuit
consists of a divide-by-eight prescaler with its own
preamplifier, a 15-bit programmable divider, a crystal
oscillator and its programmable reference divider, a
phase/frequency detector combined with a charge-pump
which drives the tuning amplifier, including 33 V output.
Three NPN open-collector outputs are provided for band
switching together with five open-collector NPN outputs.
Four of these ports can also be used as input ports
(one ADC and three general purpose I/O ports).
An output is provided to control a Philips mixer/oscillator IC
controlled by bits P7, P5 and P4. Depending on the
reference divider ratio (512, 640 or 1024), the phase
comparator operates at 3.90625, 6.25 or 7.8125 kHz with
a 4 MHz crystal.
The lock detector bit FL is set to logic 1 when the loop is
locked and is read on the SDA line (status byte) during a
read operation. The ADC is available for digital AFC
control. The ADC code is read during a read operation on
the I2C-bus. The ADC input is combined with the port P6.
In the test mode, this port is also used as a test output for
fref and fdiv/2 (see Table 4). In addition, the circuit includes
a DC/DC converter driver connected to the IDC pin to
control the amplitude of an external oscillator followed by
a voltage rectifier.
The voltage rectifier is used to generate the correct tuning
supply voltage to maintain a constant current into the
tuning amplifier. The DC/DC converter driver can be
disabled by setting the IDC pin to VCC1 in this event the
tuning supply voltage is delivered by a fixed 33 V supply.
Five serial bytes (including address byte) are required to
address the device, select the VCO frequency, program
the ports, set the charge-pump current and set the
reference divider ratio. The device has four independent
I2C-bus addresses which can be selected by applying a
specific voltage on the AS input (see Table 3).
APPLICATIONS
• Multimedia TV tuners and front-ends
• VCR tuners.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TSA5523M/C1
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com