Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/SPSQTP Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC18F258-E/SPSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SPSQTP Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC18F258-E/SPSQTP Datasheet HTML 61Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 62Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 63Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 64Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 65Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 66Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 67Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 68Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 63
PIC18FXX8
TABLE 5-1:
REGISTERS ASSOCIATED WITH DATA EEPROM MEMORY
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
EEADR
EEPROM Address Register
xxxx xxxx
uuuu uuuu
EEDATA
EEPROM Data Register
xxxx xxxx
uuuu uuuu
EECON2
EEPROM Control Register 2 (not a physical register)
—
—
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
uu-0 u000
IPR2
—CMIP
—EEIP
BCLIP
LVDIP
TMR3IP
ECCP1IP(1) -1-1 1111
-1-1 1111
PIR2
—
CMIF
—EEIF
BCLIF
LVDIF
TMR3IF ECCP1IF(1) -0-0 0000
-0-0 0000
PIE2
—
CMIE
—EEIE
BCLIE
LVDIE
TMR3IE ECCP1IE(1) -0-0 0000
-0-0 0000
Legend:
x
= unknown, u = unchanged, r = reserved, - = unimplemented, read as ‘0’.
Shaded cells are not used during Flash/EEPROM access.
Note
1:
These registers or register bits are not implemented on the PIC18F248 and PIC18F258 and read as ‘0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com