Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/SPSQTP Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC18F258-E/SPSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SPSQTP Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC18F258-E/SPSQTP Datasheet HTML 72Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 73Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 74Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 75Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 76Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 77Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 78Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 79Page - Microchip Technology PIC18F258-E/SPSQTP Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 402 page
background image
PIC18FXX8
DS41159E-page 74
© 2006 Microchip Technology Inc.
TABLE 6-2:
REGISTERS ASSOCIATED WITH PROGRAM FLASH MEMORY
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
TBLPTRU
—
—
bit 21
Program Memory Table Pointer Upper Byte
(TBLPTR<20:16>)
--00 0000
--00 0000
TBPLTRH Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
0000 0000
TBLPTRL Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
0000 0000
TABLAT
Program Memory Table Latch
0000 0000
0000 0000
INTCON
GIE/GIEH
PEIE/
GIEL
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
EECON2
EEPROM Control Register 2 (not a physical register)
—
—
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
uu-0 u000
IPR2
—CMIP
—EEIP
BCLIP
LVDIP
TMR3IP ECCP1IP(1) -1-1 1111
-1-1 1111
PIR2
—CMIF
—
EEIF
BCLIF
LVDIF
TMR3IF ECCP1IF(1)
-0-0 0000
-0-0 0000
PIE2
—CMIE
—EEIE
BCLIE
LVDIE
TMR3IE ECCP1IE(1) -0-0 0000
-0-0 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’.
Shaded cells are not used during Flash/EEPROM access.
Note
1:
These registers or register bits are not implemented on the PIC18F248 and PIC18F258 and read as ‘0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com