Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8420-CSZR Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS8420-CSZR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZR Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS8420-CSZR Datasheet HTML 72Page - Cirrus Logic CS8420-CSZR Datasheet HTML 73Page - Cirrus Logic CS8420-CSZR Datasheet HTML 74Page - Cirrus Logic CS8420-CSZR Datasheet HTML 75Page - Cirrus Logic CS8420-CSZR Datasheet HTML 76Page - Cirrus Logic CS8420-CSZR Datasheet HTML 77Page - Cirrus Logic CS8420-CSZR Datasheet HTML 78Page - Cirrus Logic CS8420-CSZR Datasheet HTML 79Page - Cirrus Logic CS8420-CSZR Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
76
DS245F4
CS8420
13.7.1
Pin Description - Hardware Mode 6
Overall Device Control:
DFC0, DFC1 - Data Flow Control Inputs
DFC0 and DFC1 inputs determine the major data flow options available in Hardware mode, according to Table 5.
S/AES - Serial Audio or AES3 Input Select
S/AES is connected to VD+ in Hardware mode 6, in order to select the serial audio input.
SFMT0, SFMT1 - Serial Audio Input Port Data Format Select Inputs
SFMT0 and SFMT1 select the serial audio input port format. See Table 15.
OMCK - Output Section Master Clock Input
Output section master clock input. The frequency must be 256x the output sample rate (Fso).
Audio Input Interface:
SDIN - Serial Audio Input Port
Data Input Audio data serial input pin.
ISCLK - Serial Audio Input Port Bit Clock
Input or Output Serial bit clock for audio data on the SDIN pin.
*Pins which remain the same function in all modes.
COPY/C
DFC0
EMPH
SFMT0
SFMT1
VA+
AGND
FILT
RST
APMS
TCBLD
ILRCK
ISCLK
SDIN
28
27
26
25
*24
*23
*22
21
20
19
18
17
16
15
1
2
3
4
5
6*
7*
8*
9*
10
11
12
13
14
ORIG
DFC1
TXP
TXN
H/S
VD+
DGND
OMCK
S/AES
AUDIO
U
V
CEN
TCBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com