Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8420-CSZR Datasheet(PDF) 84 Page - Cirrus Logic

Part # CS8420-CSZR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZR Datasheet(HTML) 84 Page - Cirrus Logic

Back Button CS8420-CSZR Datasheet HTML 80Page - Cirrus Logic CS8420-CSZR Datasheet HTML 81Page - Cirrus Logic CS8420-CSZR Datasheet HTML 82Page - Cirrus Logic CS8420-CSZR Datasheet HTML 83Page - Cirrus Logic CS8420-CSZR Datasheet HTML 84Page - Cirrus Logic CS8420-CSZR Datasheet HTML 85Page - Cirrus Logic CS8420-CSZR Datasheet HTML 86Page - Cirrus Logic CS8420-CSZR Datasheet HTML 87Page - Cirrus Logic CS8420-CSZR Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 94 page
background image
84
DS245F4
CS8420
15.1.5
One-Byte Mode
In many applications, the channel status blocks for the A and B channels will be identical. In this situation,
if the user reads a byte from one of the channel's blocks, the corresponding byte for the other channel will
be the same. Similarly, if the user wrote a byte to one channel's block, it would be necessary to write the
same byte to the other block. One-Byte mode takes advantage of the often identical nature of A and B
channel status data.
When reading data in one-byte mode, a single byte is returned, which can be from channel A or B data,
depending on a register control bit. If a write is being done, the CS8420 expects a single byte to be input
to its control port. This byte will be written to both the A and B locations in the addressed word.
One-Byte mode saves the user substantial control port access time, as it effectively accesses 2 bytes’
worth of information in 1 byte's worth of access time. If the control port's auto-increment addressing is
used in combination with this mode, multi-byte accesses such as full-block reads or writes can be done
especially efficiently.
15.1.6
Two-Byte Mode
There are those applications in which the A and B channel status blocks will not be the same, and the
user is interested in accessing both blocks. In these situations, Two-Byte mode should be used to access
the E buffer.
In this mode, a read will cause the CS8420 to output two bytes from its control port. The first byte out will
represent the A channel status data, and the 2nd byte will represent the B channel status data. Writing is
similar, in that two bytes must now be input to the CS8420's control port. The A channel status data is
first, B channel status data second.
15.2
AES3 User (U) Bit Management
The CS8420 U bit manager has four operating modes:
Mode 1. Transmit all zeros
Mode 2. Block mode
Mode 3. Reserved
Mode 4. IEC Consumer B
15.2.1
Mode 1: Transmit All Zeros
Mode 1 causes only zeros to be transmitted in the output U data, regardless of E buffer contents or U data
embedded in an input AES3 data stream. This mode is intended for the user who does not want to trans-
ceive U data, and simply wants the output U channel to contain no data.
15.2.2
Mode 2: Block Mode
Mode 2 is very similar to the scheme used to control the C bits. Entire blocks of U data are buffered from
input to output, using a cascade of three block-sized RAMs to perform the buffering. The user has access
to the second of these three buffers, denoted the E buffer, via the control port. Block mode is designed
for use in AES3 in, AES3 out situations in which input U data is decoded using a microcontroller via the
control port. It is also the only mode in which the user can merge his/her own U data into the transmitted
AES3 data stream.
The U buffer access only operates in Two-Byte mode, since there is no concept of A and B blocks for user
data. The arrangement of the data in the each byte is that the MSB is the first received bit and is the first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com