Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM330LHBG1 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ASM330LHBG1
Description  High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBG1 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ASM330LHBG1 Datasheet HTML 43Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 44Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 45Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 46Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 47Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 48Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 49Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 50Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 130 page
background image
9.10
INT2_CTRL (0Eh)
INT2 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT2 when the MIPI I3C
℠ dynamic address is not
assigned (I²C or SPI is used). Some bits can be also used to trigger an IBI when the MIPI I3C
℠ interface is used..
The output of the pad is the OR combination of the signals selected here and in register MD2_CFG (5Fh).
Table 38. INT2_CTRL register
0(1)
INT2_
CNT_BDR
INT2_
FIFO_FULL
INT2_
FIFO_OVR
INT2_
FIFO_TH
INT2_
DRDY_TEMP
INT2_
DRDY_G
INT2_
DRDY_XL
1. This bit must be set to 0 for the correct operation of the device.
Table 39. INT2_CTRL register description
INT2_CNT_BDR
Enables COUNTER_BDR_IA interrupt on the INT2 pin.
INT2_FIFO_FULL
Enables FIFO full flag interrupt on the INT2 pin.
INT2_FIFO_OVR
Enables FIFO overrun interrupt on the INT2 pin.
INT2_FIFO_TH
Enables FIFO threshold interrupt on the INT2 pin.
INT2_DRDY_TEMP
Enables temperature sensor data-ready interrupt on the INT2 pin.
It can be also used to trigger an IBI when the MIPI I3C
℠ interface is used and INT2_ON_INT1 = 1 in
CTRL4_C (13h).
INT2_DRDY_G
Enables gyroscope data-ready interrupt on the INT2 pin.
INT2_DRDY_XL
Enables accelerometer data-ready interrupt on the INT2 pin.
ASM330LHBG1
Register description
DS14080 - Rev 1
page 47/130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com